công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN91C110 bảng dữ liệu(PDF) 13 Page - SMSC Corporation

tên linh kiện LAN91C110
Giải thích chi tiết về linh kiện  FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 bảng dữ liệu(HTML) 13 Page - SMSC Corporation

Back Button LAN91C110 Datasheet HTML 9Page - SMSC Corporation LAN91C110 Datasheet HTML 10Page - SMSC Corporation LAN91C110 Datasheet HTML 11Page - SMSC Corporation LAN91C110 Datasheet HTML 12Page - SMSC Corporation LAN91C110 Datasheet HTML 13Page - SMSC Corporation LAN91C110 Datasheet HTML 14Page - SMSC Corporation LAN91C110 Datasheet HTML 15Page - SMSC Corporation LAN91C110 Datasheet HTML 16Page - SMSC Corporation LAN91C110 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
SMSC DS – LAN91C110 REV. B
Page 13
Rev. 09/05/02
DATA STRUCTURES AND REGISTERS
PACKET FORMAT IN BUFFER MEMORY
The packet format in memory is similar for the Transmit and Receive areas. The first word is reserved for the status word.
The next word is used to specify the total number of bytes, and it is followed by the data area. The data area holds the
packet itself.
FIGURE 5 - DATA PACKET FORMAT
TRANSMIT PACKET
RECEIVE PACKET
STATUS WORD
Written by CSMA upon transmit
completion (see Status Register)
Written by CSMA upon receive
completion (see RX Frame
Status Word)
BYTE COUNT
Written by CPU
Written by CSMA
DATA AREA
Written/modified by CPU
Written by CSMA
CONTROL BYTE
Written by CPU to control
odd/even data bytes
Written by CSMA; also has
odd/even bit
BYTE COUNT - Divided by two, it defines the total number of words including the STATUS WORD, the BYTE
COUNT WORD, the DATA AREA and the CONTROL BYTE.
The receive byte count always appears as even; the ODDFRM bit of the receive status word indicates if the low byte of
the last word is relevant.
RESERVED
BYTE COUNT (always even)
STATUS WORD
DATA AREA
LAST DATA BYTE (if odd)
bit0
bit15
RAM
OFFSET
(DECIMAL)
0
2
4
2046 Max
CONTROL BYTE
Last Byte
1st Byte
2nd Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com