công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CYW20719 bảng dữ liệu(PDF) 21 Page - Cypress Semiconductor

tên linh kiện CYW20719
Giải thích chi tiết về linh kiện  Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20719 bảng dữ liệu(HTML) 21 Page - Cypress Semiconductor

Back Button CYW20719 Datasheet HTML 17Page - Cypress Semiconductor CYW20719 Datasheet HTML 18Page - Cypress Semiconductor CYW20719 Datasheet HTML 19Page - Cypress Semiconductor CYW20719 Datasheet HTML 20Page - Cypress Semiconductor CYW20719 Datasheet HTML 21Page - Cypress Semiconductor CYW20719 Datasheet HTML 22Page - Cypress Semiconductor CYW20719 Datasheet HTML 23Page - Cypress Semiconductor CYW20719 Datasheet HTML 24Page - Cypress Semiconductor CYW20719 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
Document Number: 002-14815 Rev. *D
Page 21 of 49
PRELIMINARY
CYW20719
b. During power-on reset, all inputs are disabled.
c. P15 and P37 should not be driven high externally while the part is held in reset (they can be floating or driven low). Failure to do so may cause some current to flow
through these pins until the part comes out of reset.
Table 6. GPIO Supermux Input Functions
Input
Description
SWDCK
Serial Wire Debugger Clock
SWDIO
Serial Wire Debugger I/O
spiffy1_clk[s]
SPIFFY 1 Clock (Slave)
spiffy1_cs[s]
SPIFFY 1 Chip Select (Slave)
spiffy1_mosi[s]
SPIFFY 1 MOSI (Slave)
spiffy1_miso[m]
SPIFFY 1 MISO (Master)
spiffy1_io2
SPIFFY 1 I/O 2 (Quad SPI)
spiffy1_io3
SPIFFY 1 I/O 3 (Quad SPI)
spiffy1_int[s]
SPIFFY 1 Interrupt (Slave)
spiffy2_clk[s]
SPIFFY 2 Clock (Slave)
spiffy2_cs[s]
SPIFFY 2 Chip Select (Slave)
spiffy2_mosi[s]
SPIFFY 2 MOSI (Slave)
spiffy2_miso[m]
SPIFFY 2 MISO (Master)
spiffy2_io2
SPIFFY 2 I/O 2
spiffy2_io3
SPIFFY 2 I/O 3
spiffy2_int[s]
SPIFFY 2 Interrupt (Slave)
puart_rx
Peripheral UART RX
puart_cts_n
Peripheral UART CTS
SCL
I2C Clock
SDA
I2C Data
SCL2
I2C2 Clock
SDA2
I2C2 Data
PCM_IN
PCM Input
PCM_CLK
PCM Clock
PCM_SYNC
PCM Sync
I2S_DI
I2S Data Input
I2S_WS
I2S Word Select
I2S_CLK
I2S Clock
PDM_IN_Ch_1
PDM Input Channel 1
PDM_IN_Ch 2
PDM Input Channel 2
Table 6. GPIO Supermux Input Functions (Cont.)
Input
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49