| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDCM7005 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCM7005 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 40 page ![]() www.ti.com Word 3 CDCM7005 SCAS793A – JUNE 2005 – REVISED JUNE 2005 BIT BIT DESCRIPTION/FUNCTION POWER UP PIN AFFECTED NAME CONDITION BGA QFN 0 Register selection 1 1 Register selection 1 2 LOCKW 0 Lock Window Lock-detect window Bit 0 1 A8 25 3 LOCKW 1 Lock-detect window Bit 1 0 A8 25 4 LOCKC0 Lock Cycles Number of coherent lock events Bit 0 0 A8 25 5 LOCKC1 Number of coherent lock events Bit 1 1 A8 25 6 CSLIP Cycle Slip Cycle slip mode only for out-of-lock detection on [1] or 0 A8 25 off [0](1) 7 RES RESERVED 0 RES RES 8 RES RESERVED 0 RES RES 9 HOLDF HOLD Function Enables the frequency hold-over function on [1], off [0] 0 10 RESERVED 0 RES RES 11 HOLDTR HOLD Trigger Con- HOLD function always activated [1];(2) 0 dition Triggered by analog PLL lock detect outputs [0] (if analog PLL Lock signal is set then HOLD is activated; if analog PLL lock signal is reset then HOLD is de-activated). 12 RES RESERVED 0 RES RES 13 RES RESERVED 0 RES RES 14 RES RESERVED 0 RES RES 15 RES RESERVED 0 RES RES 16 RES RESERVED 0 RES RES 17 RES RESERVED 0 RES RES 18 RES RESERVED 0 RES RES 19 RES RESERVED 0 RES RES 20 RES RESERVED 0 RES RES 21 RES RESERVED 0 RES RES 22 RES RESERVED 0 RES RES 23 RES RESERVED 0 RES RES 24 RES RESERVED 0 RES RES 25 RES RESERVED 0 RES RES 26 RES RESERVED 0 RES RES 27 RES RESERVED 0 RES RES 28 RES RESERVED 0 RES RES 29 RES RESERVED 0 RES RES 30 RES RESERVED 0 RES RES 31 RES RESERVED 0 RES RES (1) If Cycle Slip mode only for out-of-lock detection is on, the selected lock detect window is valid for lock detect. Independent from this, out of lock is detected if a cycle slip occurs. (2) HOLD function always activated is recommended for test purposes only. 21 |