| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MMRF2007N bảng dữ liệu(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMRF2007N bảng dữ liệu(HTML) 8 Page - NXP Semiconductors |
|
8 / 17 page ![]() 8 RF Device Data Freescale Semiconductor, Inc. MMRF2007N MMRF2007GN f MHz Zin Zload 820 9.49 + j10.2 3.19 + j1.99 840 10.3 + j10.3 3.29 + j2.11 860 11.2 + j10.2 3.39 + j2.18 880 12.2 + j9.89 3.45 + j2.20 900 13.1 + j9.34 3.46 + j2.16 920 14.0 + j8.53 3.40 + j2.08 940 14.6 + j7.51 3.24 + j2.00 960 15.1 + j6.28 2.98 + j1.96 980 15.2 + j4.87 2.66 + j1.99 Zin = Device input impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. f MHz Zin Zload 330 5.78 + j3.02 5.53 + j1.53 350 5.73 + j3.40 6.27 + j1.77 370 5.66 + j3.89 6.95 + j1.55 390 5.63 + j4.34 7.18 + j0.90 410 5.60 + j4.75 6.67 + j0.22 430 5.53 + j5.06 5.61 + j0.05 450 5.38 + j5.32 4.45 + j0.57 Zin = Device input impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. f MHz Zin Zload 120 5.47 -- j0.60 5.74 + j2.70 130 5.46 -- j0.36 6.36 + j1.97 140 5.47 -- j0.13 6.21 + j1.37 150 5.47 + j0.11 5.95 + j1.37 160 5.46 + j0.35 6.09 + j1.63 170 5.43 + j0.56 6.59 + j1.58 180 5.42 + j0.75 6.70 + j0.92 190 5.49 + j0.93 5.73 + j0.82 200 5.42 + j1.05 4.83 + j2.57 Zin = Device input impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. Figure 10. Series Equivalent Input and Load Impedance — Stage 2 Z in Z load Device Under Test Output Matching Network NOTE: Measurement made on a per side basis. |