công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPA3138D2PWPR bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện PTPA3138D2PWPR
Giải thích chi tiết về linh kiện  10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PTPA3138D2PWPR bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button PTPA3138D2PWPR Datasheet HTML 9Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 10Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 11Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 12Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 13Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 14Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 15Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 16Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
TPA3138D2
www.ti.com
SLOS993A – MARCH 2018 – REVISED JUNE 2018
Product Folder Links: TPA3138D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.3 Feature Description
9.3.1
Analog Gain
The analog gain of the TPA3138D2 can be changed by GAIN_SEL pin. Low Level, Gain = 20 dB; High Level,
Gain = 26 dB.
9.3.2
SD/FAULT Operation
The TPA3138D2 device employs a shutdown mode of operation designed to reduce supply current (ICC) to the
absolute minimum level during periods of nonuse for power conservation. The SD/FAULT input pin should be
held high (see Specifications table for trip point) during normal operation when the amplifier is in use. Pulling
SD/FAULT low causes the outputs to mute and the amplifier to enter a low-current state. Never leave SD/FAULT
unconnected, because the amplifier operation would be unpredictable.
For the best power-off pop performance, place the amplifier in the shutdown mode prior to removing the power
supply voltage.
9.3.3 PLIMIT
If selected, the PLIMIT operation limits the output voltage level to a voltage level below the supply rail. If the
amplifier operates like it is powered by a lower supply voltage, then it limits the output power by voltage clipping.
Add a resistor divider from GVDD to ground to set the threshold voltage at the PLIMIT pin.
Figure 17. PLIMIT Circuit Operation
The PLIMIT circuit sets a limit on the output peak-to-peak voltage. The limiting is done by limiting the duty cycle
to a fixed maximum value. The limit can be thought of as a "virtual" voltage rail which is lower than the supply
connected to PVCC. The "virtual" rail is approximately 5.7 times (with BD mode) and 11.4 times (with 1SPW
mode) the voltage at the PLIMIT pin. The output voltage can be used to calculate the maximum output power for
a given maximum input voltage and speaker impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com