công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PTPA3138D2PWPR bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện PTPA3138D2PWPR
Giải thích chi tiết về linh kiện  10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PTPA3138D2PWPR bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button PTPA3138D2PWPR Datasheet HTML 2Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 3Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 4Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 5Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 6Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 7Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 8Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 9Page - Texas Instruments PTPA3138D2PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
TPA3138D2
SLOS993A – MARCH 2018 – REVISED JUNE 2018
www.ti.com
Product Folder Links: TPA3138D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Set SD/FAULT to high level, make sure the pull-up resistor is larger than 4.7 k
Ω and smaller than 500 kΩ
(2)
Set GAIN_SEL and MODE_SEL to low level, make sure pull down resistor<10k
Ω
(3)
The TPA3138D2 incorporates an exposed thermal pad on the underside of the chip. This acts as a heatsink, and it must be connected
to a thermally dissipating plane for proper power dissipation. Failure to do so may result in the device going into thermal protection
shutdown. See TI Technical Briefs SLMA002 for more information about using the TSSOP thermal pad.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
PVCC, AVCC
3.5
14.4
V
VIH
High-level input voltage
SD/FAULT (1), GAIN_SEL, MODE_SEL
2
AVCC
V
VIL
Low-level input voltage
SD/FAULT, GAIN_SEL, MODE_SEL(2)
0.8
V
VOL
Low-level output voltage
SD/FAULT, RPULL-UP =100 kΩ, PVCC = 14.4 V
0.8
V
IIH
High-level input current
SD/FAULT, GAIN_SEL, MODE_SEL, VI = 2 V, AVCC = 12 V
50
µA
IIL
Low-level input current
SD/FAULT, GAIN_SEL, MODE_SEL, VI = 0.8 V, AVCC = 12
V
5
µA
TA
Operating free-air temperature(3)
–10
85
°C
TJ
Operating junction temperature(3)
-10
150
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TPA3138D2
UNIT
PWP (HTSSOP)
28 PINS
RθJA
Junction-to-ambient thermal resistance
30.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.5
°C/W
RθJB
Junction-to-board thermal resistance
17.5
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
7.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com