| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T48C893 bảng dữ liệu(PDF) 57 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T48C893 bảng dữ liệu(HTML) 57 Page - ATMEL Corporation |
|
57 / 82 page ![]() T48C893 T48C893 Rev. A4, 22-Jan-02 57 (82) 76543 21 765 43210 A msb lsb tx data 1 tx data 2 msb lsb Write STB (tx data 1) SC SD SRDY ACT Interrupt (IFN = 0) Interrupt (IFN = 1) 13826 0A Write STB (tx data 2) SIR SDD Start Stop Figure 62. Example of I2C transmit dialog 76 5432 1 765432 10 A msb lsb tx data 1 rx data 2 msb lsb Write STB (tx data 1) SC SD SRDY ACT Interrupt (IFN = 0) Interrupt (IFN = 1) 13827 0A Read SRB (rx data 2) SIR SDD Start Stop Figure 63. Example of I2C receive dialog 8-bit Pseudo I2C Mode In this mode, the SSI exhibits all the typical I2C opera- tional features except for the acknowledge-bit which is never expected or transmitted. I2C Bus Protocol The I2C protocol constitutes a simple 2-wire bidirectional communication highway via which devices can communicate control and data information. Although the I2C protocol can support multi–master bus |