| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC8260 bảng dữ liệu(PDF) 46 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
PC8260 bảng dữ liệu(HTML) 46 Page - ATMEL Corporation |
|
46 / 53 page ![]() 46 PC8260 PowerQUICC II 2131B–HIREL–02/03 Clock Configuration Modes To configure the main PLL multiplication factor and the core, CPM, and 60x bus frequencies, the MODCK[1:3] pins are sampled while HRESET is asserted. Table 15 shows the eight basic configuration modes. Another 49 modes are available by using the configuration pin (RSTCONF) and driving four pins on the data bus. Table 15. Clock Default Modes MODCK[1–3] Input Clock Frequency (MH)z CPM Multiplication Factor CPM Frequency (MHz) Core Multiplication Factor Core Frequency (MHz) 000 33 3 100 4 133 001 33 3 100 5 166 010 33 4 133 4 133 011 33 4 133 5 166 100 66 2 133 2.5 166 101 66 2 133 3 200 110 66 2.5 166 2.5 166 111 66 2.5 166 3 200 Table 16. Clock Configuration Modes MODCK_H– MODCK[1–3] Input Clock Frequency (MHz) CPM Multiplication Factor CPM Frequency (MHz) Core Multiplication Factor Core Frequency (MHz) 0001_000 33 2 66 4 133 0001_001 33 2 66 5 166 0001_010 33 2 66 6 200 0001_011 33 2 66 7 233 0001_100 33 2 66 8 266 0001_101 33 3 100 4 133 0001_110 33 3 100 5 166 0001_111 33 3 100 6 200 0010_000 33 3 100 7 233 0010_001 33 3 100 8 266 0010_010 33 4 133 4 133 0010_011 33 4 133 5 166 0010_100 33 4 133 6 200 0010_101 33 4 133 7 233 0010_110 33 4 133 8 266 |