công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5805MPWPR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TAS5805MPWPR
Giải thích chi tiết về linh kiện  23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5805MPWPR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TAS5805MPWPR Datasheet HTML 1Page - Texas Instruments TAS5805MPWPR Datasheet HTML 2Page - Texas Instruments TAS5805MPWPR Datasheet HTML 3Page - Texas Instruments TAS5805MPWPR Datasheet HTML 4Page - Texas Instruments TAS5805MPWPR Datasheet HTML 5Page - Texas Instruments TAS5805MPWPR Datasheet HTML 6Page - Texas Instruments TAS5805MPWPR Datasheet HTML 7Page - Texas Instruments TAS5805MPWPR Datasheet HTML 8Page - Texas Instruments TAS5805MPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
System
Processor
Digital
Audio
Source
Speaker
L Channel
Speaker
R Channel
DVDD
Copyright © 2018, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TAS5805M
SLASEH5A – MAY 2018 – REVISED JULY 2018
TAS5805M 23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio
Amplifier with Enhanced Processing and Low Idle Power Dissipation
1
1 Features
1
•
Supports Multiple Output Configurations
–
2 × 23 W in 2.0 Mode (8-Ω, 21 V, THD+N=1%)
–
45 W in Mono Mode (4-Ω, 21 V, THD+N=1%)
•
Excellent Audio Performance
–
THD+N
≤ 0.03% at 1 W, 1 kHz, PVDD = 12 V
–
SNR
≥ 107 dB (A-weighted), Noise Level < 40
µVRMS
•
Low Quiescent Current with Hybrid Modulation
–
16.5 mA at PVDD = 13.5 V , 22 µH + 0.68 µF
Filter
•
Flexible Power Supply Configurations
–
PVDD: 4.5 V to 26.4 V
–
DVDD and I/O: 1.8 V or 3.3 V
•
Flexible Audio I/O
–
I2S, LJ, RJ, TDM, 3-Wire Digital Audio
Interface (No MCLK Required)
–
Supports 32, 44.1, 48, 88.2, 96 kHz Sample
Rates
–
SDOUT for Audio Monitoring, Sub-Channel or
Echo Cancellation
•
Enhanced Audio Processing
–
Multi-Band Advanced DRC and AGL
–
2×15 BQs, Thermal Foldback, DC Blocking
–
Input Mixer, Output Crossbar, Level Meter
–
5 BQs + 1 Band DRC +THD Manager for the
Subwoofer Channel
•
Integrated Self-Protection
–
Adjacent Pin to Pin Short Without Device
Damage
–
Over-Current Error (OCE)
–
Over-Temperature Warning (OTW)
–
Over-Temperature Error (OTE)
–
Under/Over-Voltage Lock-out (UVLO/OVLO)
•
Easy System Integration
–
I2C Software Control
–
Reduced Solution Size
–
Fewer Passives Required Compared to
Open-Loop Devices
–
Inductor-less Operation (Ferrite Bead) for
most cases where PVDD
≤ 14V
2 Applications
•
LCD TV, OLED TV
•
Wireless Speaker, Smart Speaker with Voice
Assistant
•
Soundbar, Wired Speaker , Bookshelf Stereo
System
•
Desktop PC, Notebook PC
•
AV Receiver, Smart Home and IoT Appliance
3 Description
The TAS5805M is a high-efficiency, stereo, closed-
loop Class-D amplifier offering a cost effective digital-
input solution with low power dissipation and sound
enrichment. The device’s integrated audio processor
and 96 kHz architecture supports advanced audio
process flow, including SRC, 15 BQs per channel,
volume control, audio mixing, 3-band 4th order DRC,
full-band AGL, THD managing and level meter.
Featuring TI's proprietary Hybrid Modulation scheme,
the TAS5805M consumes very-low quiescent current
(<16.5 mA at 13.5V PVDD), extending battery life in
portable audio applications. With advanced EMI
suppression technology, designers can leverage
inexpensive ferrite bead filters to reduced board
space and system cost.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TAS5805M
TSSOP (28) PWP
9.7 mm × 4.4 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Số phần tương tự - TAS5805MPWPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TAS5805MPWPR TI1-TAS5805MPWPR Datasheet
1Mb / 88P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
More results

Mô tả tương tự - TAS5805MPWPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TAS5754M TI-TAS5754M_15 Datasheet
3Mb / 127P
Digital Input, Closed-Loop Class-D Amplifier with HybridFlow Processing
TAS5756M TI-TAS5756M_15 Datasheet
3Mb / 104P
TAS5756M Digital Input, Closed-Loop Class-D Amplifier With Processing
TPA3128D2 TI1-TPA3128D2 Datasheet
2Mb / 37P
2x30-W Class-D Amplifier With Low Idle Power Dissipation
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5825M TI1-TAS5825M Datasheet
883Kb / 71P
4.5 V to 26.4 V, 38-W Stereo, Inductor-Less, Digital Input, Closed-Loop Class-D Audio Amplifier with 96-kHz/192-kHz Extended Audio Processing
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5806M TI1-TAS5806M Datasheet
2Mb / 91P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Power Dissipation
TAS5806MD TI1-TAS5806MD Datasheet
2Mb / 95P
23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and DirectPathTM HP Driver
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com