công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAS5805MPWPR bảng dữ liệu(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TAS5805MPWPR
Giải thích chi tiết về linh kiện  23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5805MPWPR bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button TAS5805MPWPR Datasheet HTML 45Page - Texas Instruments TAS5805MPWPR Datasheet HTML 46Page - Texas Instruments TAS5805MPWPR Datasheet HTML 47Page - Texas Instruments TAS5805MPWPR Datasheet HTML 48Page - Texas Instruments TAS5805MPWPR Datasheet HTML 49Page - Texas Instruments TAS5805MPWPR Datasheet HTML 50Page - Texas Instruments TAS5805MPWPR Datasheet HTML 51Page - Texas Instruments TAS5805MPWPR Datasheet HTML 52Page - Texas Instruments TAS5805MPWPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
49
TAS5805M
www.ti.com
SLASEH5A – MAY 2018 – REVISED JULY 2018
Product Folder Links: TAS5805M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.6.1.19 AUTO_MUTE_TIME Register (Offset = 51h) [reset = 0x00]
AUTO_MUTE_TIME is shown in Figure 86 and described in Table 25.
Return to Summary Table.
Figure 86. AUTO_MUTE_TIME Register
7
6
5
4
3
2
1
0
RESERVED
AUTOMUTE_TIME_LEFT
RESERVED
AUTOMUTE_TIME_RIGHT
R/W
R/W
R/W
R/W
Table 25. AUTO_MUTE_TIME Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0
This bit is reserved
6-4
AUTOMUTE_TIME_LEFT
R/W
000
Auto Mute Time for Left Channel
These bits specify the length of consecutive zero samples at left
channel before the channel can be auto muted. The times shown are
for 96 kHz sampling rate and will scale with other rates.
000: 11.5 ms
001: 53 ms
010: 106.5 ms
011: 266.5 ms
100: 0.535 sec
101: 1.065 sec
110: 2.665 sec
111: 5.33 sec
3
RESERVED
R/W
0
This bit is reserved
2-0
AUTOMUTE_TIME_RIGH
T
R/W
000
Auto Mute Time for Right Channel
These bits specify the length of consecutive zero samples at right
channel before the channel can be auto muted. The times shown are
for 96 kHz sampling rate and will scale with other rates.
000: 11.5 ms
001: 53 ms
010: 106.5 ms
011: 266.5 ms
100: 0.535 sec
101: 1.065 sec
110: 2.665 sec
111: 5.33 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com