| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41ST95WMH6 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST95WMH6 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 35 page ![]() M41ST95Y*, M41ST95W 28/35 Figure 21. Power Down/Up Mode AC Waveforms Table 14. Power Down/Up AC Characteristics Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V or 2.7 to 3.6V (except where noted). 2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC passes VPFD (min). 3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data. 4. Programmable (see Table 8., page 23) 5. After crystal oscillator has started Symbol Parameter(1) Min Typ Max Unit tF (2) VPFD (max) to VPFD (min) VCC Fall Time 300 µs tFB (3) VPFD (min) to VSS VCC Fall Time 10 µs tR VPFD (min) to VPFD (max) VCC Rise Time 10 µs tRB VSS to VPFD (min) VCC Rise Time 1µs tPFD PFI to PFO Propagation Delay 15 25 µs tREC (4,5) Power up Deselect Time 96 98 ms AI03661 VCC INPUTS (PER CONTROL INPUT) OUTPUTS DON'T CARE HIGH-Z tF tFB tR tPD tRB tDR VALID VALID (PER CONTROL INPUT) RECOGNIZED RECOGNIZED VPFD (max) VPFD (min) VSO tREC RST ECON PFO |