| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41ST95WMH6 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST95WMH6 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 35 page ![]() M41ST95Y*, M41ST95W 16/35 Table 4. TIMEKEEPER® Register Map Keys: S = Sign Bit FT = Frequency Test Bit ST = Stop Bit 0 = Must be set to '0' BL = Battery Low Flag (Read only) BMB0-BMB4 = Watchdog Multiplier Bits CEB = Century Enable Bit CB = Century Bit OUT = Output level AFE = Alarm Flag Enable Flag RB0-RB1 = Watchdog Resolution Bits WDS = Watchdog Steering Bit ABE = Alarm in Battery Back-Up Mode Enable Bit RPT1-RPT5 = Alarm Repeat Mode Bits WDF = Watchdog flag (Read only) AF = Alarm flag (Read only) SQWE = Square Wave Enable RS0-RS3 = SQW Frequency HT = Halt Update Bit TR = tREC Bit Addr Function/Range BCD Format D7 D6 D5 D4 D3 D2 D1 D0 00h 0.1 Seconds 0.01 Seconds 10ths/100ths of Seconds 00-99 01h ST 10 Seconds Seconds Seconds 00-59 02h 0 10 Minutes Minutes Minutes 00-59 03h CEB CB 10 Hours Hours (24 Hour Format) Century/Hours 0-1/00-23 04h TR 0 0 0 0 Day of Week Day 01-7 05h 0 0 10 Date Date: Day of Month Date 01-31 06h 0 0 0 10M Month Month 01-12 07h 10 Years Year Year 00-99 08h OUT FT S Calibration Control 09h WDS BMB4 BMB3 BMB2 BMB1 BMB0 RB1 RB0 Watchdog 0Ah AFE SQWE ABE Al 10M Alarm Month Al Month 01-12 0Bh RPT4 RPT5 AI 10 Date Alarm Date Al Date 01-31 0Ch RPT3 HT AI 10 Hour Alarm Hour Al Hour 00-23 0Dh RPT2 Alarm 10 Minutes Alarm Minutes Al Min 00-59 0Eh RPT1 Alarm 10 Seconds Alarm Seconds Al Sec 00-59 0Fh WDF AF 0BL0 0 0 0 Flags 10h 0 0 000 00 0 Reserved 11h 0 0 000 00 0 Reserved 12h 0 0 000 00 0 Reserved 13h RS3 RS2 RS1 RS0 0 0 0 0 SQW |