công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCC255-16IO1 bảng dữ liệu(PDF) 1 Page - IXYS Corporation

tên linh kiện MCC255-16IO1
Giải thích chi tiết về linh kiện  Phase leg
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IXYS [IXYS Corporation]
Trang chủ  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC255-16IO1 bảng dữ liệu(HTML) 1 Page - IXYS Corporation

  MCC255-16IO1 Datasheet HTML 1Page - IXYS Corporation MCC255-16IO1 Datasheet HTML 2Page - IXYS Corporation MCC255-16IO1 Datasheet HTML 3Page - IXYS Corporation MCC255-16IO1 Datasheet HTML 4Page - IXYS Corporation MCC255-16IO1 Datasheet HTML 5Page - IXYS Corporation MCC255-16IO1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MCC255-16io1
Phase leg
Thyristor Module
3
1
2
6
5
7
4
Part number
MCC255-16io1
Backside: isolated
TAV
T
V
V
1.08
RRM
250
1600
=
V
=
V
I
=
A
2x
Features / Advantages:
Applications:
Package:
International standard package
Direct copper bonded Al2O3-ceramic
with copper base plate
Planar passivated chip
Isolation voltage 3600 V~
Keyed gate/cathode twin pins
Motor control, softstarter
Power converter
Heat and temperature control for
industrial furnaces and chemical
processes
Lighting control
Solid state switches
Y1
Industry standard outline
RoHS compliant
Soldering pins for PCB mounting
Base plate: Copper
internally DCB isolated
Advanced power cycling
Isolation Voltage:
V~
3600
The data contained in this product data sheet is exclusively intended for technically trained staff. The user will have to evaluate the suitability of the product for the intended application and
the completeness of the product data with respect to his application. The specifications of our components may not be considered as an assurance of component characteristics. The
information in the valid application- and assembly notes must be considered. Should you require product information in excess of the data given in this product data sheet or which concerns
the specific application of your product, please contact your local sales office.
Due to technical requirements our product may contain dangerous substances. For information on the types in question please contact your local sales office.
Should you intend to use the product in aviation, in health or life endangering or life support applications, please notify. For any such application we urgently recommend
- to perform joint risk and quality assessments;
- the conclusion of quality agreements;
- to establish joint measures of an ongoing product survey, and that we may make delivery dependent on the realization of any such measures.
Terms Conditions of usage:
IXYS reserves the right to change limits, conditions and dimensions.
20170116e
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2017 IXYS all rights reserved


Số phần tương tự - MCC255-16IO1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IXYS Corporation
MCC255-16IO1 IXYS-MCC255-16IO1 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
logo
New Jersey Semi-Conduct...
MCC255-16IO1 NJSEMI-MCC255-16IO1 Datasheet
201Kb / 3P
Thyristor Modules
More results

Mô tả tương tự - MCC255-16IO1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IXYS Corporation
MCC132-14IO1 IXYS-MCC132-14IO1 Datasheet
212Kb / 6P
Phase leg
MCC310-14IO1 IXYS-MCC310-14IO1 Datasheet
190Kb / 6P
Phase leg
MCC26-16IO8B IXYS-MCC26-16IO8B Datasheet
669Kb / 6P
Phase leg
MCC72-16IO1B IXYS-MCC72-16IO1B Datasheet
645Kb / 6P
Phase leg
MCC72-18IO8B IXYS-MCC72-18IO8B Datasheet
445Kb / 6P
Phase leg
MCC95-18IO8B IXYS-MCC95-18IO8B Datasheet
306Kb / 6P
Phase leg
MCC310-16IO1 IXYS-MCC310-16IO1 Datasheet
190Kb / 6P
Phase leg
MCC162-16IO1 IXYS-MCC162-16IO1 Datasheet
210Kb / 6P
Phase leg
MCC94-20IO1B IXYS-MCC94-20IO1B Datasheet
467Kb / 5P
Phase leg
DMA30P1600HR IXYS-DMA30P1600HR Datasheet
407Kb / 5P
Phase leg
2019.11.29
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com