công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PR2-BSP3 bảng dữ liệu(PDF) 1 Page - PHOENIX CONTACT

tên linh kiện PR2-BSP3
Giải thích chi tiết về linh kiện  Relay socket PR2-B, for industrial relay REL-IR with 2 or 4 PDT, 1/3-level version, spring-cage connections, connection facility for input/interference suppression modules, for mounting on NS 35/7.5
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-BSP3 bảng dữ liệu(HTML) 1 Page - PHOENIX CONTACT

  PR2-BSP3 Datasheet HTML 1Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 2Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 3Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 4Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 5Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 6Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 7Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 8Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/us/products/2833589
07/15/2016   Page 1 / 9
Relay socket - PR2-BSP3/4X21 - 2833589
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay socket PR2-B, for industrial relay REL-IR with 2 or 4 PDT, 1/3-level version, spring-cage connections,
connection facility for input/interference suppression modules, for mounting on NS 35/7.5
Why buy this product
■ Relay retaining bracket with labeling field and ejection function
■ Plug-in input/interference suppression modules
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
10 STK
Weight per Piece (excluding packing)
98.0 g
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Width
31 mm
Height
95 mm
Depth with retaining bracket
84 mm (EL2-P35)
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 85 °C
Connection data, output side
Connection name
Output side


Số phần tương tự - PR2-BSP3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Same Sky Devices
PR2-12V-450-1A SAMESKY-PR2-12V-450-1A Datasheet
410Kb / 6P
POWER RELAY
09/12/2024
PR2-12V-450-1C SAMESKY-PR2-12V-450-1C Datasheet
410Kb / 6P
POWER RELAY
09/12/2024
PR2-24V-450-1A SAMESKY-PR2-24V-450-1A Datasheet
410Kb / 6P
POWER RELAY
09/12/2024
PR2-24V-450-1C SAMESKY-PR2-24V-450-1C Datasheet
410Kb / 6P
POWER RELAY
09/12/2024
PR2-5V-450-1A SAMESKY-PR2-5V-450-1A Datasheet
410Kb / 6P
POWER RELAY
09/12/2024
More results

Mô tả tương tự - PR2-BSP3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PHOENIX CONTACT
PR1-BSC2 PHOENIX-PR1-BSC2 Datasheet
61Kb / 4P
Relay socket PR1..., for miniature power relay or miniature switching relay with 1 or 2 PDT or solid-state relay of same construction, 2/2 level design, screw connections, connection facility for input/interference suppression modules
PR1-BSC3 PHOENIX-PR1-BSC3 Datasheet
61Kb / 4P
Relay socket PR1..., for miniature power relay or miniature switching relay with 1 or 2 PDT or solid-state relay of same construction, 1/3 level design, screw connections, connection facility for input/interference suppression modules
RIF-1-BSC PHOENIX-RIF-1-BSC Datasheet
63Kb / 3P
RIF-1... relay base, for miniature power relay with 1 or 2 changeover contacts or identical solid-state relays, screw connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
RIF-2-BPT PHOENIX-RIF-2-BPT Datasheet
106Kb / 16P
RIF-2... relay base, for industrial relay with 2 or 4 PDTs, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
RIF-2-BSC PHOENIX-RIF-2-BSC Datasheet
64Kb / 3P
RIF-2... relay base, for industrial relay with 2 or 4 changeover contacts, screw connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
RIF-3-BSC PHOENIX-RIF-3-BSC Datasheet
63Kb / 3P
RIF-3... relay base, for octal relay with 2 changeover contacts, screw connection, plug-in option for input/ interference suppression modules, for mounting on NS 35/7,5
RIF-4-BSC PHOENIX-RIF-4-BSC Datasheet
64Kb / 3P
RIF-4... relay base, for high-power relay with 2 or 3 changeover contacts or 3 N/O contacts, screw connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
PLC-BSP-24DC PHOENIX-PLC-BSP-24DC Datasheet
59Kb / 4P
14 mm PLC basic terminal block for high continuous currents with spring-cage connection, without relay or solidstate relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 24 V DC
PLC-BSP-48DC PHOENIX-PLC-BSP-48DC Datasheet
116Kb / 9P
6.2 mm PLC basic terminal block with spring-cage connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 48 V DC
PLC-BSP-60DC PHOENIX-PLC-BSP-60DC Datasheet
116Kb / 9P
6.2 mm PLC basic terminal block with spring-cage connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 60 V DC
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com