công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PR2-BSP3 bảng dữ liệu(PDF) 4 Page - PHOENIX CONTACT

tên linh kiện PR2-BSP3
Giải thích chi tiết về linh kiện  Relay socket PR2-B, for industrial relay REL-IR with 2 or 4 PDT, 1/3-level version, spring-cage connections, connection facility for input/interference suppression modules, for mounting on NS 35/7.5
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-BSP3 bảng dữ liệu(HTML) 4 Page - PHOENIX CONTACT

  PR2-BSP3 Datasheet HTML 1Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 2Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 3Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 4Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 5Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 6Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 7Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 8Page - PHOENIX CONTACT PR2-BSP3 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
https://www.phoenixcontact.com/us/products/2833589
07/15/2016   Page 4 / 9
Relay socket - PR2-BSP3/4X21 - 2833589
Accessories
Marker labels - MP 1 - 2833631
Equipment marker, labeling surface 6 x 15 mm
 
 
Retaining bracket
Relay retaining bracket - EL2-P35 - 2833592
Relay retaining bracket, with eject function and integrated equipment marking area (8 x 25 mm), to suit relay socket PR2,
for 35 mm high industrial relay
 
 
Necessary add-on products
Single relay - REL-IR/LDP- 12DC/2X21 - 2834012
Pluggable industrial relays with power contacts, 2 PDT, test button, status LED, free-wheeling diode, mechanical switch
position indicator, polarity A1+, A2-, input voltage 12 V DC
 
 
Single relay - REL-IR/LDP- 24DC/2X21 - 2834025
Pluggable industrial relays with power contacts, 2 PDT, test button, status LED, free-wheeling diode, mechanical switch
position indicator, polarity A1+, A2-, input voltage 24 V DC
 
 
Single relay - REL-IR/LDP-110DC/2X21 - 2834041
Pluggable industrial relays with power contacts, 2 PDT, test button, status LED, free-wheeling diode, mechanical switch
position indicator, polarity A1+, A2-, input voltage 110 V DC
 
 



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com