công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSD1702Z bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện SSD1702Z
Giải thích chi tiết về linh kiện  240-outputs LCD driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

SSD1702Z bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSD1702Z Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Solomon Systech
Dec 2003
P 10/46 Rev 1.1
SSD1702
Table 2 - SSD1702Z die pad coordinates
Pad no.
Pad name
X
Y
Pad no.
Pad name
X
Y
Pad no.
Pad name
X
Y
1
NC
-6181.5
-473.9
61
D7
1030.9
-473.9
121
Y6
5640.0
495.9
2
NC
-6102.7
-473.9
62
D7
1107.1
-473.9
122
Y7
5592.0
495.9
3
V43
-6026.5
-473.9
63
D7
1183.3
-473.9
123
Y8
5544.0
495.9
4
V43
-5950.3
-473.9
64
XCK
1574.9
-473.9
124
Y9
5496.0
495.9
5
V43
-5874.1
-473.9
65
XCK
1651.1
-473.9
125
Y10
5448.0
495.9
6
V43
-5797.9
-473.9
66
XCK
1727.3
-473.9
126
Y11
5400.0
495.9
7
V43
-5721.7
-473.9
67
DISPOFF#
1951.3
-473.9
127
Y12
5352.0
495.9
8
V5
-5645.5
-473.9
68
DISPOFF#
2027.5
-473.9
128
Y13
5304.0
495.9
9
V5
-5569.3
-473.9
69
DISPOFF#
2103.7
-473.9
129
Y14
5256.0
495.9
10
V5
-5493.1
-473.9
70
LP
2495.3
-473.9
130
Y15
5208.0
495.9
11
V5
-5416.9
-473.9
71
LP
2571.5
-473.9
131
Y16
5160.0
495.9
12
V5
-5340.7
-473.9
72
LP
2647.7
-473.9
132
Y17
5112.0
495.9
13
VSS
-5177.3
-473.9
73
EIO1
2871.7
-473.9
133
Y18
5064.0
495.9
14
VSS
-5101.1
-473.9
74
EIO1
2947.9
-473.9
134
Y19
5016.0
495.9
15
VSS
-5024.9
-473.9
75
EIO1
3024.1
-473.9
135
Y20
4968.0
495.9
16
VSS
-4948.7
-473.9
76
FR
3331.9
-473.9
136
Y21
4920.0
495.9
17
VSS
-4872.5
-473.9
77
FR
3408.1
-473.9
137
Y22
4872.0
495.9
18
VSS
-4796.3
-473.9
78
FR
3484.3
-473.9
138
Y23
4824.0
495.9
19
VSS
-4720.1
-473.9
79
L/R
3875.9
-473.9
139
Y24
4776.0
495.9
20
VSS
-4643.9
-473.9
80
L/R
3952.1
-473.9
140
Y25
4728.0
495.9
21
VSS
-4567.7
-473.9
81
MD
4176.1
-473.9
141
Y26
4680.0
495.9
22
VDD
-4259.9
-473.9
82
MD
4252.3
-473.9
142
Y27
4632.0
495.9
23
VDD
-4183.7
-473.9
83
VSS
4643.9
-473.9
143
Y28
4584.0
495.9
24
VDD
-4107.5
-473.9
84
VSS
4720.1
-473.9
144
Y29
4536.0
495.9
25
VDD
-4031.3
-473.9
85
VSS
4796.3
-473.9
145
Y30
4488.0
495.9
26
VDD
-3955.1
-473.9
86
VSS
4872.5
-473.9
146
Y31
4440.0
495.9
27
VDD
-3878.9
-473.9
87
VSS
4948.7
-473.9
147
Y32
4392.0
495.9
28
VDD
-3802.7
-473.9
88
VSS
5024.9
-473.9
148
Y33
4344.0
495.9
29
VDD
-3726.5
-473.9
89
VSS
5101.1
-473.9
149
Y34
4296.0
495.9
30
VDD
-3650.3
-473.9
90
VSS
5177.3
-473.9
150
Y35
4248.0
495.9
31
VDD
-3574.1
-473.9
91
V5
5340.7
-473.9
151
Y36
4200.0
495.9
32
VDD
-3497.9
-473.9
92
V5
5416.9
-473.9
152
Y37
4152.0
495.9
33
VDD
-3421.7
-473.9
93
V5
5493.1
-473.9
153
Y38
4104.0
495.9
34
VDD
-3345.5
-473.9
94
V5
5569.3
-473.9
154
Y39
4056.0
495.9
35
S/C
-2950.9
-473.9
95
V5
5645.5
-473.9
155
Y40
4008.0
495.9
36
S/C
-2874.7
-473.9
96
V43
5721.7
-473.9
156
Y41
3960.0
495.9
37
EIO2
-2650.7
-473.9
97
V43
5797.9
-473.9
157
Y42
3912.0
495.9
38
EIO2
-2574.5
-473.9
98
V43
5874.1
-473.9
158
Y43
3864.0
495.9
39
EIO2
-2498.3
-473.9
99
V43
5950.3
-473.9
159
Y44
3816.0
495.9
40
D0
-2106.7
-473.9
100
V43
6026.5
-473.9
160
Y45
3768.0
495.9
41
D0
-2030.5
-473.9
101
NC
6102.7
-473.9
161
Y46
3720.0
495.9
42
D0
-1954.3
-473.9
102
NC
6181.5
-473.9
162
Y47
3672.0
495.9
43
D1
-1730.3
-473.9
103
V12
6181.5
-337.9
163
Y48
3624.0
495.9
44
D1
-1654.1
-473.9
104
V12
6181.5
-261.7
164
Y49
3576.0
495.9
45
D1
-1577.9
-473.9
105
V12
6181.5
-185.5
165
Y50
3528.0
495.9
46
D2
-1186.3
-473.9
106
V12
6181.5
-109.3
166
Y51
3480.0
495.9
47
D2
-1110.1
-473.9
107
V12
6181.5
-33.1
167
Y52
3432.0
495.9
48
D2
-1033.9
-473.9
108
V0
6181.5
43.1
168
Y53
3384.0
495.9
49
D3
-809.9
-473.9
109
V0
6181.5
119.3
169
Y54
3336.0
495.9
50
D3
-733.7
-473.9
110
V0
6181.5
195.5
170
Y55
3288.0
495.9
51
D3
-657.5
-473.9
111
V0
6181.5
271.7
171
Y56
3240.0
495.9
52
D4
-265.9
-473.9
112
V0
6181.5
347.9
172
Y57
3192.0
495.9
53
D4
-189.7
-473.9
113
NC
6181.5
495.9
173
Y58
3144.0
495.9
54
D4
-113.5
-473.9
114
NC
6081.0
495.9
174
Y59
3096.0
495.9
55
D5
110.5
-473.9
115
NC
5980.5
495.9
175
Y60
3048.0
495.9
56
D5
186.7
-473.9
116
Y1
5880.0
495.9
176
Y61
3000.0
495.9
57
D5
262.9
-473.9
117
Y2
5832.0
495.9
177
Y62
2952.0
495.9
58
D6
654.5
-473.9
118
Y3
5784.0
495.9
178
Y63
2904.0
495.9
59
D6
730.7
-473.9
119
Y4
5736.0
495.9
179
Y64
2856.0
495.9
60
D6
806.9
-473.9
120
Y5
5688.0
495.9
180
Y65
2808.0
495.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47