công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC913 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện P89LPC913
Giải thích chi tiết về linh kiện  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC913 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  P89LPC913 Datasheet HTML 1Page - NXP Semiconductors P89LPC913 Datasheet HTML 2Page - NXP Semiconductors P89LPC913 Datasheet HTML 3Page - NXP Semiconductors P89LPC913 Datasheet HTML 4Page - NXP Semiconductors P89LPC913 Datasheet HTML 5Page - NXP Semiconductors P89LPC913 Datasheet HTML 6Page - NXP Semiconductors P89LPC913 Datasheet HTML 7Page - NXP Semiconductors P89LPC913 Datasheet HTML 8Page - NXP Semiconductors P89LPC913 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
4 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.
Block diagram
Fig 1.
P89LPC912 block diagram.
HIGH PERFORMANCE
ACCELERATED 2-CLOCK 80C51 CPU
1 kB
CODE FLASH
128-BYTE
DATA RAM
PORT 3
CONFIGURABLE I/Os
PORT 0
CONFIGURABLE I/Os
KEYPAD
INTERRUPT
PROGRAMMABLE
OSCILLATOR DIVIDER
CPU
CLOCK
CONFIGURABLE
OSCILLATOR
ON-CHIP
RC
OSCILLATOR
INTERNAL BUS
CRYSTAL
OR
RESONATOR
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
002aaa472
SPI
REAL-TIME CLOCK/
SYSTEM TIMER
TIMER 0
TIMER 1
WATCHDOG TIMER
AND OSCILLATOR
ANALOG
COMPARATORS
PORT 2
CONFIGURABLE I/Os
PORT 1
CONFIGURABLE I/Os
P89LPC912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63