| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZEPIR0BAS02MODG bảng dữ liệu(PDF) 22 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
ZEPIR0BAS02MODG bảng dữ liệu(HTML) 22 Page - Zilog, Inc. |
|
22 / 78 page ![]() PS030504-0917 Serial Interface Mode ZMOTION® Detection Module II Product Specification 14 ACK = 0x06 (ASCII ACK character). NACK = 0x15 (ASCII NACK character). The Module will respond with a NACK on all unrecognized commands, and when commands requiring data (that is, Write, Clear, and Confirmation types) do not receive the required data within the inactivity time-out period. Figure 7. Confirmed Command Structure Command ACK Sequence (4) ACK Host ZDM II Module Note: |