công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN0366 bảng dữ liệu(PDF) 7 Page - Zilog, Inc.

tên linh kiện AN0366
Giải thích chi tiết về linh kiện  Porting RZK/ZTP Applications to the eZ80L925148MODG Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

AN0366 bảng dữ liệu(HTML) 7 Page - Zilog, Inc.

Back Button AN0366 Datasheet HTML 3Page - Zilog, Inc. AN0366 Datasheet HTML 4Page - Zilog, Inc. AN0366 Datasheet HTML 5Page - Zilog, Inc. AN0366 Datasheet HTML 6Page - Zilog, Inc. AN0366 Datasheet HTML 7Page - Zilog, Inc. AN0366 Datasheet HTML 8Page - Zilog, Inc. AN0366 Datasheet HTML 9Page - Zilog, Inc. AN0366 Datasheet HTML 10Page - Zilog, Inc. AN0366 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AN036602-1013
7
Porting RZK/ZTP Applications to the eZ80L925148MODG Module
Application Note
4. Examine the settings of the remaining chip selects in the Chip Select Registers:
drop-down menu, and verify that the settings for CS0 to CS3 correspond to the values
shown in Figure 3.
5. When using the eZ80L925148MODG Module with the eZ80Acclaim! Development
Platform, Zilog recommends the settings for the Address Spaces tab in the Project Set-
Figure 4. The Configure Target Dialog for the Flash/Copy to RAM Build
Table 3. Chip Select Settings for the Flash/Copy to RAM Build
Chip Select
Memory Range
CS Control
CS Bus Mode
CS0
0x000000–0x7FFFFF
0x88
0x01
CS1
0xC00000–0xC7FFFF
0x08
0x01
CS2
0x800000–0xBFFFFF
0x28
0x01
CS3
0x030000–0x030000
0x18
0x84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12