| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN0366 bảng dữ liệu(PDF) 6 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
AN0366 bảng dữ liệu(HTML) 6 Page - Zilog, Inc. |
|
6 / 12 page ![]() AN036602-1013 6 Porting RZK/ZTP Applications to the eZ80L925148MODG Module Application Note Flash and Copy to RAM Build Configurations Applications using the FLASH or COPY TO RAM build configurations should select the eZ80L925148MODG_Flash target by observing the following brief procedure: 1. From the Project menu in ZDSII, choose Settings... to open the Project Settings dialog. 2. In the left pane, click Debugger. In the Target pane, select the eZ80L925148MODG_Flash target. 3. Click the Setup button. The Configure target dialog will appear, as shown in Figure 4, which presents the default settings for the eZ80L925148MODG_Flash ZTGT file. If you have not modified the contents of the eZ80L925148MODG_Flash.ztgt file, then you should see the values in Figure 4 after clicking the Setup button. Verify that your settings match the values shown in this figure. Figure 3. The Configure Target Dialog |