công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLS115B0 bảng dữ liệu(PDF) 11 Page - Infineon Technologies AG

tên linh kiện TLS115B0
Giải thích chi tiết về linh kiện  High Precision Voltage Tracker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115B0 bảng dữ liệu(HTML) 11 Page - Infineon Technologies AG

Back Button TLS115B0 Datasheet HTML 7Page - Infineon Technologies AG TLS115B0 Datasheet HTML 8Page - Infineon Technologies AG TLS115B0 Datasheet HTML 9Page - Infineon Technologies AG TLS115B0 Datasheet HTML 10Page - Infineon Technologies AG TLS115B0 Datasheet HTML 11Page - Infineon Technologies AG TLS115B0 Datasheet HTML 12Page - Infineon Technologies AG TLS115B0 Datasheet HTML 13Page - Infineon Technologies AG TLS115B0 Datasheet HTML 14Page - Infineon Technologies AG TLS115B0 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TLS115B0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
11
Rev. 1.00
2016-10-13
Output voltage tracking
accuracy
∆VOUT = VADJ - VOUT
∆VOUT
-5
–
5
mV
5.5 V ≤ VIN ≤ 32 V;
0.1 mA ≤ IOUT ≤
70 mA;
2 V ≤ VADJ ≤ VIN - 1 V
P_4.1.2
Load regulation
steady-state
∆VOUT,load
-4
-0.1
–
mV
IOUT = 0.1 mA to
150 mA;
VADJ = 5 V
P_4.1.3
Line regulation
steady-state
∆VOUT,line
–0.1
4
mV
VIN = 5.5 V to 32 V;
IOUT = 10 mA;
VADJ = 5 V
P_4.1.4
Power supply ripple
rejection1)
PSRR
–85
–
dB
fripple = 100 Hz;
Vripple = 1 Vpp;
IOUT = 10 mA;
COUT = 10 μF,
ceramic type
P_4.1.5
Output current limitation
IOUT,max
151
350
500
mA
VOUT = VADJ - 0.1 V;
VADJ = 5 V
P_4.1.6
Reverse current
IOUT,rev
-3.5
-1.7
–
mA
VIN = 0 V;
VOUT = 16 V;
VADJ = 5 V
P_4.1.9
Reverse current at negative
input voltage
IIN,rev
-4
-2
–
mA
VIN = -16 V;
VOUT = 0 V;
VADJ = 5 V
P_4.1.10
Dropout voltage2)
Vdr = VIN - VOUT
Vdr
–
250
500
mV
IOUT = 150 mA;
VADJ = 5 V2)
P_4.1.11
Overtemperature protection
Overtemperature shutdown
threshold1)
Tj,sd
–
175
–
°C
Tj increasing due to
power dissipation
generated by the IC
P_4.1.15
Overtemperature shutdown
threshold hysteresis1)
∆Tj,sdh
–15
–
K
P_4.1.16
1) Not subject to production test, specified by design
2) Measured when the output voltage VOUT has dropped 100 mV from the nominal value obtained at VIN = 13.5V
Table 5
Electrical characteristics tracking regulator (cont’d)
VIN = 13.5 V, 2.0 V ≤ VADJ ≤ 14 V, VEN ≥ 2.0 V, Tj = -40°C to +150°C, all voltages with respect to ground, positive
current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com