| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLS115B0 bảng dữ liệu(PDF) 23 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLS115B0 bảng dữ liệu(HTML) 23 Page - Infineon Technologies AG |
|
23 / 25 page ![]() Data Sheet 23 Rev.1.00 2016-10-13 TLS115B0 High Precision Voltage Tracker Package outlines Figure 6 PG-TSON-10 Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). Pin 1 Marking Pin 1 Marking PG-TSON-10-2-PO V02 ±0.1 2.58±0.1 0.1 ±0.1 0.36 ±0.1 0.53 ±0.1 ±0.1 0.25 0.5 ±0.1 3.3 Z 0.05 0.07 MIN. Z (4:1) For further information on alternative packages, please visit our website: http://www.infineon.com/packages. Dimensions in mm |