công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDMF3172 bảng dữ liệu(PDF) 18 Page - ON Semiconductor

tên linh kiện FDMF3172
Giải thích chi tiết về linh kiện  Smart Power Stage (SPS) Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3172 bảng dữ liệu(HTML) 18 Page - ON Semiconductor

Back Button FDMF3172 Datasheet HTML 13Page - ON Semiconductor FDMF3172 Datasheet HTML 14Page - ON Semiconductor FDMF3172 Datasheet HTML 15Page - ON Semiconductor FDMF3172 Datasheet HTML 16Page - ON Semiconductor FDMF3172 Datasheet HTML 17Page - ON Semiconductor FDMF3172 Datasheet HTML 18Page - ON Semiconductor FDMF3172 Datasheet HTML 19Page - ON Semiconductor FDMF3172 Datasheet HTML 20Page - ON Semiconductor FDMF3172 Datasheet HTML 21Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF3172 Rev. 1.0
18
Over-Temperature Protection (OTP)
An over-temperature event is considered catastrophic in
nature. OTP raises fault flag HIGH once TMON
exceeds 140°C temperature. Driver still responds to
PWM commands (NO tri-state shutdown). Once TMON
falls below 125°C, fault flag is cleared internally by
driver IC.
Over-Current Protection (OCP)
The
FDMF3172
has
cycle-by-cycle
over
current
protection. If current exceeds the OCP threshold, HS
FET is gated off regardless of PWM command. HS FET
cannot be gated on again until the current is less than
the OCP threshold with a hysteresis.
Fault flag will be pulled HIGH after 10 cycle-by-cycle
OCPs are detected without 3 consecutive normal cycle
occurring. Fault flag will clear once 3 consecutive cycle
of OCP is NOT detected. Module never shuts down (nor
does it disable HDRV/LDRV outputs
– i.e., enter
internal
tri-state)
and
always
responds
to
PWM
commands (but driver will still truncate HS on time
when PWM=HIGH and ILIM is detected).
High-Side MOSFET Short Fault
A high-side MOSFET short fault feature is added to the
FDMF3172. If a high-side MOSFET short fault is
detected, the driver will pull the TMON / FAULT pin
HIGH and continue to respond to PWM commands.
Fault flag will clear once HS short is NOT detected or
5 Vcc power re-cycle, EN toggle.
Pre-OVP
The FDMF3172 SPS module monitors VOUT during the
power up period. If an abnormally high VOUT is detected
during this time, the SPS will gate
–on the LS FET until
the FAULT clears.
Negative-OCP
The FDMF3172 can detect large negative inductor
current and protect the low side MOSFET. Once this
negative current threshold is detected, FDMF3172
takes control and truncates LS on-time pulse (LS FET is
gated off regardless of PWM command). Driver will
return to responding to PWM commands once inductor
current falls to -40 A. So, if PWM is still being
commanded LOW by controller when inductor falls to -
40 A, then LS FET will turn back on. SPS will enter a
current limiting (hiccup) mode regulating inductor
current from -40 A to -60 A until inductor current
relaxes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com