công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDMF3172 bảng dữ liệu(PDF) 16 Page - ON Semiconductor

tên linh kiện FDMF3172
Giải thích chi tiết về linh kiện  Smart Power Stage (SPS) Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3172 bảng dữ liệu(HTML) 16 Page - ON Semiconductor

Back Button FDMF3172 Datasheet HTML 12Page - ON Semiconductor FDMF3172 Datasheet HTML 13Page - ON Semiconductor FDMF3172 Datasheet HTML 14Page - ON Semiconductor FDMF3172 Datasheet HTML 15Page - ON Semiconductor FDMF3172 Datasheet HTML 16Page - ON Semiconductor FDMF3172 Datasheet HTML 17Page - ON Semiconductor FDMF3172 Datasheet HTML 18Page - ON Semiconductor FDMF3172 Datasheet HTML 19Page - ON Semiconductor FDMF3172 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF3172 Rev. 1.0
16
Low-Side Driver
The Low-Side Driver (LDRV) is designed to drive the
gate-source of a ground referenced low RDS(ON) N-
channel MOSFET (Q2). The bias for LDRV is internally
connected between PVCC and PGND. When the driver
is enabled, the driver's output is 180 ° out of phase with
the PWM input. When the driver is disabled, LDRV is
held LOW.
Dead-Times
The driver IC design ensures minimum MOSFET dead
times, while eliminating potential shoot-through (cross-
conduction)
currents.
To
ensure
optimal
module
efficiency, body diode conduction times must be
reduced to the low nano-second range during CCM and
DCM operation. Delay circuitry is added to prevent gate
overlap during both the low-side MOSFET off to high-
side MOSFET on transition and the high-side MOSFET
off to low-side MOSFET on transition.
Exiting 3-State Condition
When exiting a valid 3-state condition, the gate driver of
the FDMF3172 follows the PWM input command. If the
PWM input goes from 3-state to LOW, the low-side
MOSFET is turned on. If the PWM input goes from 3-
state to HIGH, the high-side MOSFET is turned on. This
is illustrated in Figure 25.
Boot Capacitor Refresh
FDMF3172 monitors the low Boot-SW voltage. If EN,
VCC and PVCC are ready, but the voltage across the
boot capacitor voltage is lower than 2.4 V, FDMF3172
ignores the PWM input signal and starts the boot
refresh circuit. The boot refresh circuit turns on the low
side MOSFET with a 100 ns~200 ns narrow pulse in
every 7~14 µs until Boot-SW voltage is above 3.3 V.
Current Monitor (IMON)
The SPS current monitor accurately senses high-side
and low-side MOSFET currents. The currents are
summed together to replicate the output filter inductor
current. The signal is reported from the SPS module in
the form of a 5 µa/A current signal (IIMON-REFIN). The
IMON signal will be referenced to an externally supplied
signal (REFIN) and differentially sensed by an external
analog / digital PWM controller.
The motivation for the IMON feature is to replace the
industry standard output filter DCR sensing, or output
current sense using an external precision resistor. Both
techniques are lossy and lead to reduced system
efficiency. Inductor DCR sensing is also notoriously
inaccurate for low value DCR inductors. Figure 26
shows a comparison between conventional inductor
DCR sensing and the unique IMON feature.
The accuracy on IMON signal is ±5 % from 10 A to 40 A
output current. For the SPS module, parameters that
can affect IMON accuracy are tightly controlled and
trimmed at the MOSFET / IC production stage. The
user can easily incorporate the IMON feature and
accuracy replacing the traditional current sensing
methods in multi-phase VR applications.
The REFIN voltage is an externally supplied DC
voltage. The DC voltage can be supplied from any DC
rail capable of supplying 100 µA, such as a PWM
controller or other power rail in system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com