| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M25P10-AVMF6P bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P10-AVMF6P bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() 5/7 M25PXX PART NUMBERING Table 5. Ordering Information Scheme Note: 1. ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment. The High Reliability Cer- tified Flow (HRCF) is described in the quality note QNEE9801. Please ask your nearest ST sales office for a copy. For a list of available options (speed, package, etc.) or for further information on any aspect of this device, please contact your nearest ST Sales Of- fice. Example: M25P80 – V MP 6 T P Device Type M25P = Serial Flash Memory for Code Storage Device Function 32 = 32Mbit (4M x 8) 16 = 16Mbit (2M x 8) 80 = 8Mbit (1M x 8) 40 = 4Mbit (512K x 8) 20 = 2Mbit (256K x 8) 10-A = 1Mbit (128K x 8) 05-A = 512Kbit (64K x 8) Operating Voltage V = VCC = 2.7 to 3.6V Package ME = VDFPN8 8x6mm (MLP8) MP = VDFPN8 (MLP8) MF = SO16 (300 mil width) MN = SO8 (150 mil width) Device Grade 6 = Industrial temperature range, –40 to 85 °C. Device tested with standard test flow 3 = Device tested with High Reliability Certified Flow1. Automotive temperature range (–40 to 125 °C) Option blank = Standard Packing T = Tape and Reel Packing Plating Technology blank = Standard SnPb plating P = Lead-Free and RoHS compliant G = Lead-Free, RoHS compliant, Sb2O3-free and TBBA-free |