| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M25P10-AVMF6P bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P10-AVMF6P bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() 1/7 DATA BRIEF October 2004 For further information contact your local ST sales office. M25PXX 512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface FEATURES SUMMARY ■ 512Kbit to 32Mbit of Flash Memory ■ Page Program (up to 256 Bytes) in 1.4ms (typical) ■ Sector Erase (256 Kbit or 512Kbit) ■ Bulk Erase (512Kbit to 32Mbit) ■ 2.7 to 3.6V Single Supply Voltage ■ SPI Bus Compatible Serial Interface ■ 40MHz to 50MHz Clock Rate (maximum) ■ Deep Power-down Mode 1 µA (typical) ■ Electronic Signatures – JEDEC Standard Two-Byte Signature (20xxh) – RES Instruction, One-Byte, Signature, for backward compatibility ■ More than 100000 Erase/Program Cycles per Sector ■ More than 20 Year Data Retention Table 1. Product List Figure 1. Packages Reference Part Number M25Pxx M25P32 M25P16 M25P80 M25P40 M25P20 M25P10-A M25P05-A VDFPN8 (ME) 8x6mm (MLP8) SO16 (MF) 300 mil width SO8 (MN) 150 mil width 8 1 VDFPN8 (MP) (MLP8) |
Số phần tương tự - M25P10-AVMF6P |
|
Mô tả tương tự - M25P10-AVMF6P |