công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6531CBZ bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp

tên linh kiện ISL6531CBZ
Giải thích chi tiết về linh kiện  Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6531CBZ bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6531CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6531CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6531CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6531CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6531CBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6531CBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6531CBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6531CBZ Datasheet HTML 17Page - Renesas Technology Corp ISL6531CBZ Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ISL6531
FN9053 Rev 2.00
Page 14 of 18
Aug 11, 2005
upon MOSFET power, package type, ambient temperature and
air flow.
Given the reduced available gate bias voltage (5V), logic-level
or sub-logic-level transistors should be used for both N-
MOSFETs. Caution should be exercised when using devices
with very low gate thresholds (VTH). The shoot-through
protection circuitry may be circumvented by these MOSFETs.
Very high dv/dt transitions on the phase node may cause the
Miller capacitance to couple the lower gate with the phase
node and cause an undesireable turn on of the lower MOSFET
while the upper MOSFET is on.
Bootstrap Component Selection
External bootstrap components, a diode and capacitor, are
required to provide sufficient gate enhancement to the upper
MOSFET. The internal MOSFET gate driver is supplied by the
external bootstrap circuitry as shown in Figure 10. The boot
capacitor, CBOOT, develops a floating supply voltage
referenced to the PHASE pin. This supply is refreshed each
cycle, when DBOOT conducts, to a voltage of VCC less the
boot diode drop, VD, plus the voltage rise across QLOWER.
Just after the PWM switching cycle begins and the charge
transfer from the bootstrap capacitor to the gate capacitance is
complete, the voltage on the bootstrap capacitor is at its lowest
point during the switching cycle. The charge lost on the
bootstrap capacitor will be equal to the charge transferred to
the equivalent gate-source capacitance of the upper MOSFET
as shown:
where QGATE is the maximum total gate charge of the upper
MOSFET, CBOOT is the bootstrap capacitance, VBOOT1 is the
bootstrap voltage immediately before turn-on, and VBOOT2 is
the bootstrap voltage immediately after turn-on.
The bootstrap capacitor begins its refresh cycle when the
gate drive begins to turn-off the upper MOSFET. A refresh
cycle ends when the upper MOSFET is turned on again,
which varies depending on the switching frequency and duty
cycle.
The minimum bootstrap capacitance can be calculated by
rearranging the previous equation and solving for CBOOT.
Typical gate charge values for MOSFETs considered in these
types of applications range from 20 to 100nC. Since the
voltage drop across QLOWER is negligible, VBOOT1 is simply
VCC - VD. A schottky diode is recommended to minimize the
voltage drop across the bootstrap capacitor during the on-time
of the upper MOSFET. Initial calculations with VBOOT2 no less
than 4V will quickly help narrow the bootstrap capacitor range.
For example, consider an upper MOSFET is chosen with a
maximum gate charge, Qg, of 100nC. Limiting the voltage drop
across the bootstrap capacitor to 1V results in a value of no
less than 0.1
F. The tolerance of the ceramic capacitor should
also be considered when selecting the final bootstrap
capacitance value.
A fast recovery diode is recommended when selecting a
bootstrap diode to reduce the impact of reverse recovery
charge loss. Otherwise, the recovery charge, QRR, would have
to be added to the gate charge of the MOSFET and taken into
consideration when calculating the minimum bootstrap
capacitance.
PLOWER = Io2 x rDS(ON) x (1 - D)
Where: D is the duty cycle = VOUT / VIN,
tSW is the combined switch ON and OFF time, and
fs is the switching frequency.
LOSSES WHILE SOURCING CURRENT
LOSSES WHILE SINKING CURRENT
PLOWER
Io
2
rDS ON

1D
–

1
2
--- Io
VIN
tSW fs
+
=
PUPPER
Io
2
rDS ON

D
1
2
--- Io
VIN
tSW fs
+
=
PUPPER = Io2 x rDS(ON) x D
QGATE
CBOOT VBOOT1 VBOOT2
–

=
ISL6531
GND
LGATEn
UGATEn
PHASEn
BOOTn
VIN
NOTE:
NOTE:
VG-S  VCC
CBOOT
DBOOT
QUPPER
QLOWER
+
-
FIGURE 10. UPPER GATE DRIVE BOOTSTRAP
VG-S  VCC -VD
+
VD
-
VCC
CBOOT
QGATE
VBOOT1 V
–
BOOT2
-----------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com