| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NCV7728DPAR2G bảng dữ liệu(PDF) 14 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NCV7728DPAR2G bảng dữ liệu(HTML) 14 Page - ON Semiconductor |
|
14 / 27 page ![]() NCV7728 www.onsemi.com 14 Table 1. SPI INPUT DATA FRAME Input Data Bit Number Bit Name Bit Description Bit Status 15 SRR Status Reset Register When Asserted All Latched Faults are Cleared (TSD, OCS & ULD) 0 = No Reset 1 = Reset 14 HBSEL (Note 5) Half Bridge Selection Reserved 13 ULDSC Under Load Detection Shutdown Control Global Enable; Per Half Bridge Operation 0 = Disable 1 = Enable 12 HBEN6 Half Bridge 6 Enable 0 = High Z 1 = Enabled 11 HBEN5 Half Bridge 5 Enable 0 = High Z 1 = Enabled 10 HBEN4 Half Bridge 4 Enable 0 = High Z 1 = Enabled 9 HBEN3 Half Bridge 3 Enable 0 = High Z 1 = Enabled 8 HBEN2 Half Bridge 2 Enable 0 = High Z 1 = Enabled 7 HBEN1 Half Bridge 1 Enable 0 = High Z 1 = Enabled 6 HBCNF6 Half Bridge 6 Configuration Control 0 = LS6 ON & HS6 OFF 1 = LS6 OFF & HS6 ON 5 HBCNF5 Half Bridge 5 Configuration Control 0 = LS5 ON & HS5 OFF 1 = LS5 OFF & HS5 ON 4 HBCNF4 Half Bridge 4 Configuration Control 0 = LS4 ON & HS4 OFF 1 = LS4 OFF & HS4 ON 3 HBCNF3 Half Bridge 3 Configuration Control 0 = LS3 ON & HS3 OFF 1 = LS3 OFF & HS3 ON 2 HBCNF2 Half Bridge 2 Configuration Control 0 = LS2 ON & HS2 OFF 1 = LS2 OFF & HS2 ON 1 HBCNF1 Half Bridge 1 Configuration Control 0 = LS1 ON & HS1 OFF 1 = LS1 OFF & HS1 ON 0 OVLO Over Voltage Lock Out Global Effect 0 = Disable 1 = Enable 5. HBSEL enables bridge selection for the NCV7719 and NCV7720 devices. In the NCV7728 it is recommended to set the HBSEL to zero. |