| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL68124IRAZ bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL68124IRAZ bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp |
|
17 / 46 page ![]() ISL68124 FN8796 Rev.2.00 Page 17 of 46 June 16, 2017 Examples of OCP_Fast and OCP_Slow waveforms are shown in Figures 19 and 20. Smart Power Stage OC Fault Detect Intersil Smart Power Stage (SPS) devices will output a large signal on their IMON lines if peak current exceeds their preprogrammed threshold. (For more detail about this functionality, refer to the relevant SPS datasheet.) The ISL68124 is equipped to detect this fault flag and immediately shut down. This detector is enabled on the GUI Overcurrent Fault setup screen. This feature functions by detecting signals that exceed the current sense ADC full scale range. If this detector is disabled while using an Intersil SPS, the SPS Fault# signal must be connected to the controller Enable pin of the associated rail. This will ensure that an SPS OC event will be detected and the converter will shut down. Thermal Monitoring (TWARN) and Protection The TWARN pin indicates the temperature status of the voltage regulator. The TWARN pin is an open-drain output and an external pull-up resistor is required. This signal is valid only after the controller is enabled. The TWARN signal can be used to inform the system that the temperature of the voltage regulator is too high and the load should reduce its power consumption. TWARN only indicates a thermal warning, not a fault. The thermal monitoring function block diagram is shown in Figure 23 on page 18. The ISL68124 has two over-temperature thresholds, which allow both warning and fault indications. Each temperature sensor threshold can be independently programmed in the PowerNavigator GUI. Figure 24 on page 18 shows the thermal warning to TWARN and Figure 25 on page 18 shows the over-temperature fault to shutdown. PGOOD and TWARN can be configured to indicate these warning and fault thresholds through the PowerNavigator GUI. FIGURE 19. OCP_FAST FIGURE 20. OCP_SLOW FIGURE 21. POSITIVE PEAK PHASE CURRENT LIMITING PGOOD PWM OCP_SLOW_THRESHOLD OCP_FAST_THRESHOLD OCP_FAST COUNTER FILTER TIME CONSTANT PGOOD PWM OCP_FAST_THRESHOLD OCP_SLOW_THRESHOLD OCP_SLOW COUNTER FILTER TIME CONSTANT TWARN PGOOD PWM POSITIVE_CURRENT_LIMITING_PER_PHASE FIGURE 22. NEGATIVE PEAK PHASE CURRENT LIMITING TWARN PGOOD PWM NEGATIVE_CURRENT_LIMITING_PER_PHASE |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |