công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29PDLI27H68PCIN bảng dữ liệu(PDF) 42 Page - SPANSION

tên linh kiện AM29PDLI27H68PCIN
Giải thích chi tiết về linh kiện  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PDLI27H68PCIN bảng dữ liệu(HTML) 42 Page - SPANSION

Back Button AM29PDLI27H68PCIN Datasheet HTML 38Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 39Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 40Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 41Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 42Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 43Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 44Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 45Page - SPANSION AM29PDLI27H68PCIN Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
40
Am29PDL127H
June 30, 2003
ADV ANCE
I N FO RMAT I O N
Command Definitions Tables
Legend:
BA = Address of bank switching to autoselect mode, bypass mode, or
erase operation. Determined by A22:A20, see Tables 4 and for more
detail.
PA = Program Address (A22:A0). Addresses latch on falling edge of
WE# or CE# pulse, whichever happens later.
PD = Program Data (DQ15:DQ0) written to location PA. Data latches
on rising edge of WE# or CE# pulse, whichever happens first.
RA = Read Address (A22:A0).
RD = Read Data (DQ15:DQ0) from location RA.
SA = Sector Address (A22:A12) for verifying (in autoselect mode) or
erasing.
WD = Write Data. See “Configuration Register” definition for specific
write data. Data latched on rising edge of WE#.
X = Don’t care
Notes:
1.
See Table 1 for description of bus operations.
2.
All values are in hexadecimal.
3.
Shaded cells in table denote read cycles. All other cycles are
write operations.
4.
During unlock and command cycles, when lower address bits are
555 or 2AAh as shown in table, address bits higher than A11
(except where BA is required) and data bits higher than DQ7 are
don’t cares.
5.
No unlock or command cycles required when bank is reading
array data.
6.
The Reset command is required to return to reading array (or to
erase-suspend-read mode if previously in Erase Suspend) when
bank is in autoselect mode, or if DQ5 goes high (while bank is
providing status information).
7.
Fourth cycle of autoselect command sequence is a read cycle.
System must provide bank address to obtain manufacturer ID or
device ID information. See Autoselect Command Sequence
section for more information.
8.
The data is C0h for factory and customer locked and 80h for
factory locked.
9.
The data is 00h for an unprotected sector group and 01h for a
protected sector group.
10. Device ID must be read across cycles 4, 5, and 6.
11. System may read and program in non-erasing sectors, or enter
autoselect mode, when in Program/Erase Suspend mode.
Program/Erase Suspend command is valid only during a sector
erase operation, and requires bank address.
12. Program/Erase Resume command is valid only during Erase
Suspend mode, and requires bank address.
13. Command is valid when device is ready to read array data or
when device is in autoselect mode.
14. WP#/ACC must be at V
ID during the entire operation of command.
15. Unlock Bypass Entry command is required prior to any Unlock
Bypass operation. Unlock Bypass Reset command is required to
return to the reading array.
Table 13.
Memory Array Command Definitions
Command (Notes)
Bus Cycles (Notes 1–4)
Addr Data Addr Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read (5)
1
RA
RD
Reset (6)
1
XXX
F0
Autoselect
(Note 7)
Manufacturer ID
4
555
AA
2AA
55
555
90
(BA)X00
01
Device ID (10)
6
555
AA
2AA
55
555
90
(BA)X01
7E
(BA)X0E
20
(BA)X0F
00
SecSi Sector Factory
Protect (8)
4
555
AA
2AA
55
555
90
X03
(see
note 8)
Sector Group Protect Verify
(9)
4
555
AAA
2AA
55
555
90
(SA)X02
XX00/
XX01
Program
4
555
AA
2AA
55
555
A0
PA
PD
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Program/Erase Suspend (11)
1
BA
B0
Program/Erase Resume (12)
1
BA
30
CFI Query (13)
1
55
98
Accelerated Program (15)
2
XX
A0
PA
PD
Unlock Bypass Entry (15)
3
555
AA
2AA
55
555
20
Unlock Bypass Program (15)
2
XX
A0
PA
PD
Unlock Bypass Erase (15)
2
XX
80
XX
10
Unlock Bypass CFI (13, 15)
1
XX
98
Unlock Bypass Reset (15)
2
XXX
90
XXX
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com