công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VIARMB-T2F2 bảng dữ liệu(PDF) 1 Page - Vicor Corporation

tên linh kiện VIARMB-T2F2
Giải thích chi tiết về linh kiện  Autoranging Rectifier Modules Up to 1500 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VICOR [Vicor Corporation]
Trang chủ  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIARMB-T2F2 bảng dữ liệu(HTML) 1 Page - Vicor Corporation

  VIARMB-T2F2 Datasheet HTML 1Page - Vicor Corporation VIARMB-T2F2 Datasheet HTML 2Page - Vicor Corporation VIARMB-T2F2 Datasheet HTML 3Page - Vicor Corporation VIARMB-T2F2 Datasheet HTML 4Page - Vicor Corporation VIARMB-T2F2 Datasheet HTML 5Page - Vicor Corporation VIARMB-T2F2 Datasheet HTML 6Page - Vicor Corporation VIARMB-T2F2 Datasheet HTML 7Page - Vicor Corporation VIARMB-T2F2 Datasheet HTML 8Page - Vicor Corporation VIARMB-T2F2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM™
Rev 4.9
vicorpower.com
Page 1 of 11
06/2017
800 927.9474
VI-ARMx1xx
VI-ARMBx2xx
VI-ARM™
Actual size:
2.28 x 1.45 x 0.5in
57,9 x 36,8 x 12,7mm
S
NRTL
CUS
C
US
®
Features & Benefits
• RoHS Compliant
(with F or G pin option)
• Autoranging input
• Microprocessor controlled
• VI-ARM-C1:
■
■
500W @ 90 – 132VAC
750W @ 180 – 264VAC
• VI-ARMB-C2:
■
■
750W @ 115VAC
1500W @ 230VAC
• 96 – 98% efficiency
• 100°C baseplate (no derating)
• cULus, cTÜVus, CE Marked
• AC Bus OK, module enable
• Inrush limiting (no external circuitry)
• CE Marked
Typical Applications: systems requiring a rugged,
full featured interface to the AC mains in the
smallest possible package.
Product Highlights
The ARM (Autoranging Rectifier Module)
is an AC front end module which provides
autoranging line rectification and inrush
current limiting. The ARM is available in either
500/750W or 750/1500W models in a quarter
brick package measuring only
2.28” x 1.45” x 0.5”.
The ARM interfaces directly with worldwide
AC mains and may be used with Vicor
300V input DC-DC converters to realize
an autoranging, high density, low profile
switching power supply. The ARM includes
a microcontroller that continuously monitors
the AC line to control bridge/doubler
operation. The user need only provide
external capacitance to satisfy system
hold-up requirements.
Vicor Micro series packaging technology
offers flexible mounting options for various
manufacturing processes. The ARM may be
installed as a conventional leaded device
for on-board applications, in-board for
low profile, height restricted applications,
socketed or surface mounted with optional
ModuMate interconnect products.
Parameter
Rating
Unit
Notes
L to N
264
VAC
280
VAC
100ms
+OUT to –OUT
400
VDC
B OK to –OUT
16
VDC
EN to –OUT
16
VDC
Output power
VI-ARM
500/750
Watts
115/230V
VI-ARMB
750/1500
Watts
115/230V
See page 3 for derating
Mounting torque
4 – 6 (0.45 – 0.68)
in-lbs (N-m)
6 each, 4-40 screw
Operating temperature
–40 to +100
°C
H-Grade
Storage temperature
–55 to +125
°C
H-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5sec; wave solder
750 (390)
°F (°C)
<7sec; hand solder
Product
Pin Style
1 = Short
2 = Long
S = Short Modumate [1]
N = Long Modumate [1]
F = Short RoHS [1]
G = Long RoHS [1]
K = Extra Long RoHS [2]
Product Grade Temperatures (°C)
Grade Operating
Storage
E =
–10 to +100
–40 to +125
C =
–20 to +100
–40 to +125
T =
–40 to +100
–40 to +125
H =
–40 to +100
–55 to +125
Absolute Maximum Ratings
Part Numbering
Parameter
Min
Typ
Max
Unit
Baseplate to sink
flat, greased surface
0.24
°C/Watt
with thermal pad (P/N 16495)
0.3
°C/Watt
Baseplate to ambient
free convection
15
°C/Watt
1000LFM
2.7
°C/Watt
Thermal capacity
48
Watt-sec/°C
Thermal Resistance Capacity
Baseplate
Blank = Slotted
2 = Threaded
3 = Through hole
VI-ARMB
-
C
2
1
VI- ARM
-
C
1
2
3
[1] Pin styles S, N, F & G are compatible with the ModuMate interconnect system for socketing
and surface mounting
[2] Not intended for socket or Surfmate mounting


Số phần tương tự - VIARMB-T2F2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Communications & Power ...
VIA-301 CPI-VIA-301 Datasheet
148Kb / 4P
HeatWave Model
logo
Infinite Electronics In...
VIA00001-10F L-COM-VIA00001-10F Datasheet
66Kb / 1P
CA DVI METAL SHELLto DP LSZH
10/31/17
VIA00001-10F L-COM-VIA00001-10F Datasheet
66Kb / 1P
CA DVI METAL SHELLto DP LSZH
10/31/17
VIA00001-10F L-COM-VIA00001-10F Datasheet
66Kb / 1P
CA DVI METAL SHELLto DP LSZH
10/31/17
VIA00001-10F L-COM-VIA00001-10F Datasheet
66Kb / 1P
CA DVI METAL SHELLto DP LSZH
10/31/17
More results

Mô tả tương tự - VIARMB-T2F2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
Intelligent MP Series Up to 1500 Watts
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
1500 Watts
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11_15 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11_17 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
FARMXXXX VICOR-FARMXXXX Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com