| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE6211 bảng dữ liệu(PDF) 32 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6211 bảng dữ liệu(HTML) 32 Page - Infineon Technologies AG |
|
32 / 35 page ![]() TLE 6210 TLE 6211 Package Outlines V1.2 Data Sheet 32 2002-08 6 Package Outlines Heatslug 1 10 110 Index Marking Does not include plastic or metal protrusion of 0.15 max. per side 1 x 45˚ (Mold) 15.9 1) ±0.15 A -0.2 (Metal) 13.7 +0.13 0.4 20 11 0.25 M A 1.27 1.2 -0.3 (Heatslug) 15.74 ±0.1 0.25 Heatslug (Mold) 20x 11 14.2 ±0.3 20 0.95 0.1 6.3 ±0.15 2.8 11 1) B B ±0.15 1) P-DSO-20-12 (Plastic Dual Small Outline Package) Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book “Package Information”. Dimensions in mm SMD = Surface Mounted Device |