công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP6536 bảng dữ liệu(PDF) 1 Page - Monolithic Power Systems

tên linh kiện MP6536
Giải thích chi tiết về linh kiện  26V, 5.5A 3-Channel Half-Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6536 bảng dữ liệu(HTML) 1 Page - Monolithic Power Systems

  MP6536 Datasheet HTML 1Page - Monolithic Power Systems MP6536 Datasheet HTML 2Page - Monolithic Power Systems MP6536 Datasheet HTML 3Page - Monolithic Power Systems MP6536 Datasheet HTML 4Page - Monolithic Power Systems MP6536 Datasheet HTML 5Page - Monolithic Power Systems MP6536 Datasheet HTML 6Page - Monolithic Power Systems MP6536 Datasheet HTML 7Page - Monolithic Power Systems MP6536 Datasheet HTML 8Page - Monolithic Power Systems MP6536 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP6536
26V, 5.5A
3-Channel Half-Bridge Driver
MP6536 Rev. 1.01
www.MonolithicPower.com
1
5/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP6536 is a 3-channel half-bridge driver
IC intended to drive a 3-phase brushless DC
motor.
The MP6536 features a low-current shutdown
mode,
standby
mode,
input
under-voltage
protection, current limit, thermal shutdown, and
fault flag signal output. All channels of the
drivers interface with standard logic signals.
The MP6536 is available in a 40 lead QFN
5mmx5mm package.
FEATURES
 5V to 26V VDD
 ±5.5A Peak Current Output
 Up to 1MHz PWM Frequency
 Protected Integrated Power 0.14Ω Switches
 10ns Switch Dead Time
 All Switches Current Limited
 Internal Under-Voltage Protection
 Internal Thermal Protection
 Short-Circuit Protection
 Fault Output Flag
APPLICATIONS
 3-Phase BLDC Motor Drive
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Số phần tương tự - MP6536

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Monolithic Power System...
MP6530 MPS-MP6530 Datasheet
835Kb / 6P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver Evaluation Board
MP6530 MPS-MP6530 Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF MPS-MP6530GF Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF-P MPS-MP6530GF-P Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
MP6530GF-Z MPS-MP6530GF-Z Datasheet
1Mb / 18P
5V to 60V, Three-Phase Brushless DC Motor Pre-Driver
8/9/2018 Rev. 1.13
More results

Mô tả tương tự - MP6536

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
N-Channel Half-Bridge Driver
05-Apr-99
SI9976 VISHAY-SI9976 Datasheet
83Kb / 6P
N-Channel Half-Bridge Driver
19-Apr-04
logo
International Rectifier
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
logo
Monolithic Power System...
MP8049S MPS-MP8049S Datasheet
603Kb / 12P
24V, 5.5A Quad Channel Power Half-Bridge
EV8049S-U-00A MPS-EV8049S-U-00A Datasheet
232Kb / 6P
24V 5.5A Quad Channel Power Half-Bridge Evaluation Board
logo
ON Semiconductor
NCV7725B ONSEMI-NCV7725B Datasheet
563Kb / 27P
10 Channel Half-Bridge Driver
January, 2020 ??Rev. 0
logo
Vishay Siliconix
SI9976 VISHAY-SI9976_V01 Datasheet
106Kb / 7P
N-Channel Half-Bridge Driver
19-Apr-04
logo
Toshiba Semiconductor
TB67Z800FTG TOSHIBA-TB67Z800FTG Datasheet
382Kb / 18P
3-channel Half Bridge Driver
2018-03-16
logo
Littelfuse
LF2388B LITTELFUSE-LF2388B Datasheet
1Mb / 20P
3-Phase Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com