công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP6536 bảng dữ liệu(PDF) 5 Page - Monolithic Power Systems

tên linh kiện MP6536
Giải thích chi tiết về linh kiện  26V, 5.5A 3-Channel Half-Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6536 bảng dữ liệu(HTML) 5 Page - Monolithic Power Systems

  MP6536 Datasheet HTML 1Page - Monolithic Power Systems MP6536 Datasheet HTML 2Page - Monolithic Power Systems MP6536 Datasheet HTML 3Page - Monolithic Power Systems MP6536 Datasheet HTML 4Page - Monolithic Power Systems MP6536 Datasheet HTML 5Page - Monolithic Power Systems MP6536 Datasheet HTML 6Page - Monolithic Power Systems MP6536 Datasheet HTML 7Page - Monolithic Power Systems MP6536 Datasheet HTML 8Page - Monolithic Power Systems MP6536 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP6536 - 26V, 5.5A 3-CHANNEL POWER HALF-BRIDGE
MP6536 Rev. 1.01
www.MonolithicPower.com
5
5/3/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1,2
SW2
Output 2. SW2 is valid approximately 100µs after VSP goes high.
3,4,5
VSP
Power Supply Input. Connect VSP to the positive side of the input power supply. Bypass
VSP to PGND as close to the IC as possible.
6,7
SW1
Output 1. SW1 is valid approximately 100µs after VSP goes high.
8,9
LS1
Low-Side Source Connection of SW1.
10
BST1
Bootstrap Supply. BST1 powers the high-side gate of the SW1 stage. Connect a
capacitor (
0.1μF or greater) between BST1 and SW1.
11
NC
No Connection. NC
MUST be kept floating.
12
PWM1
Driver Logic Input 1. Drive PWM1 with the signal that controls SW1. Drive PWM high to
turn on the high-side switch; drive PWM low to turn on the low-side switch.
13
PWM2
Driver Logic Input 2. Drive PWM2 with the signal that controls SW2. Drive PWM high to
turn on the high-side switch; drive PWM low to turn on the low-side switch.
14
FAULTB Fault Output. A low output at FAULT indicates that the MP6536 has detected an over-
temperature, over-current, or under-voltage condition. FAULTB is an open-drain output.
15
SHDNB
Shutdown Input. When SHDNB is low, the IC shuts off.
16
PWM3
Driver Logic Input 3. Drive PWM3 with the signal that controls SW3. Drive PWM high to
turn on the high-side switch; drive PWM low to turn on the low-side switch.
17
STBYB
Standby Input. Default low (internal pull-down). If driven high, the output of the driver is
determined by PWM1/2/3. If driven low, all outputs are high impedance.
18
AGND
Analog Ground.
19
FLT3B
Fault Monitor. For details see the
“Fault Output” section. FLT3B is an open-drain output.
20
FLT2B
Fault Monitor. For details see the
“Fault Output” section. FLT2B is an open-drain output.
21
NC
No Connection. NC MUST be kept floating.
22, 23
PGND
Power Ground. Connect the exposed pad on the bottom side to ground plane.
24, 25
NC
No Connection. NC MUST be kept floating.
26,27,
28
VSP
Power Supply Input. Connect VSP to the positive side of the input power supply. Bypass
VSP to PGND as close to the IC as possible.
29, 30
SW3
Output 3. SW3 is valid approximately 100µs after VSP goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com