công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL9216IRZ bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp

tên linh kiện ISL9216IRZ
Giải thích chi tiết về linh kiện  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 18Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 19Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 21Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 22Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 23Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 20 of 34
November 2, 2007
.
TABLE 10. WRITE ENABLE REGISTER (ADDR: 08H)
BIT
FUNCTION
DESCRIPTION
7
FSETEN
Enable discharge set writes
When set to “1”, allows writes to the Feature Set register. When set to “0”, prevents writes to the
Feature Set register (Addr: 07H). Default on initial power-up is “0”.
6
CHSETEN
Enable charge set writes
(ISL9216 only)
When set to “1”, allows writes to the Charge Set register. When set to “0”, prevents writes to the
Feature Set register (Addr: 06H). Default on initial power-up is “0”.
5
DISSETEN
Enable discharge set writes
(ISL9216 only)
When set to “1”, allows writes to the Discharge Set register (Addr: 05H). When set to “0”, prevents
writes to the Feature Set register. Default on initial power-up is “0”.
4UFLG3
User Flag 3
General purpose flag usable by microcontroller software. This bit is battery backed up, even when
RGO turns off.
3UFLG2
User Flag 3
General purpose flag usable by microcontroller software. This bit is battery backed up, even when
RGO turns off.
2
RESERVED
Reserved for future expansion.
1
RESERVED
Reserved for future expansion.
0
RESERVED
Reserved for future expansion.
FIGURE 1. BATTERY CONNECTION OPTIONS
NOTE: MULTIPLE CELLS CAN BE CONNECTED IN PARALLEL
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
12 CELLS
CB7
CB6
CB5
CB4
CB3
CB2
CB1
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
CB5
CB4
CB3
CB2
CB1
AO
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
8 CELLS
CB7
CB6
CB5
CB4
CB3
CB2
CB1
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
CB5
CB4
CB3
CB2
CB1
AO
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
11 CELLS
CB7
CB6
CB5
CB4
CB3
CB2
CB1
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
CB5
CB4
CB3
CB2
CB1
AO
9 CELLS
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
CB5
CB4
CB3
CB2
CB1
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
10 CELLS
CB7
CB6
CB5
CB4
CB3
CB2
CB1
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
CB5
CB4
CB3
CB2
CB1
AO
VCELL7
VCELL6
VCELL5
VCELL4
VCELL3
VCELL2
VCELL1
VSS
CB7
CB6
CB5
CB4
CB3
CB2
CB1
AO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com