công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL9216IRZ bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp

tên linh kiện ISL9216IRZ
Giải thích chi tiết về linh kiện  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 18Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 19Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 17 of 34
November 2, 2007
TABLE 5. ANALOG OUT CONTROL REGISTER (ADDR: 03H)
BITS
FUNCTION
DESCRIPTION
7UFLG1
User Flag 1
General purpose flag usable by microcontroller software. This bit is battery backed up, even when RGO turns off.
6UFLG0
User Flag 0
General purpose flag usable by microcontroller software. This bit is battery backed up, even when RGO turns off.
5:4
RESERVED
Reserved for future expansion
BIT 3
AO3
BIT 2
AO2
BIT 1
AO1
BIT 0
AO0
OUTPUT VOLTAGE
0
0
0
0
No Output (low power state)
0
0
0
1
VCELL1
0
0
1
0
VCELL2
0
0
1
1
VCELL3
0
1
0
0
VCELL4
0
1
0
1
VCELL5
0
1
1
0
VCELL6
0
1
1
1
VCELL7
1
0
0
0
External Temperature
1
0
0
1
Internal Temperature
1x1
x
Reserved
11
x
x
Reserved
TABLE 6. FET CONTROL REGISTER (ADDR: 04H)
BIT
FUNCTION
DESCRIPTION
7
SLEEP
Force Sleep
Setting this bit to “1” forces the device to go into a sleep condition. This turns off both FET outputs, the cell balance
outputs and the voltage regulator. This also resets the CFET, DFET, and CB7ON:CB1ON bits. The SLEEP bit is
automatically reset to “0” when the device wakes up. This does not reset the AO3:AO0 bits.
6LDMONEN
Turn on VMON
connection
(ISL9216 only)
Writing a “1” to this bit turns on the VMON circuit. Writing a “0” to this bit turns off the VMON circuit. As such, the
microcontroller has full control of the operation of this circuit.
5:2
RESERVED
Reserved for future expansion.
1CFET
(ISL9216 only)
Setting this bit to “1” turns on the charge FET.
Setting this bit to “0” turns off the charge FET.
This bit is automatically reset in the event of a charge overcurrent condition, unless the automatic response is disabled
by the DENOCC bit.
0DFET
(ISL9216 only)
Setting this bit to “1” turns on the discharge FET.
Setting this bit to “0” turns off the discharge FET.
This bit is automatically reset in the event of a discharge overcurrent or discharge short circuit condition, unless the
automatic response is disabled by the DENOCD or DENSCD bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com