| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IPAC-X bảng dữ liệu(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
IPAC-X bảng dữ liệu(HTML) 21 Page - Infineon Technologies AG |
|
21 / 270 page ![]() IPAC-X PSB/PSF 21150 Overview Data Sheet 21 2003-01-30 An ISDN adapter card which supports both U and S interface may be realized using the IPAC-X together with the PSB 21911 IEC-Q TE. The S interface may be configured for TE or LT-S mode supporting intelligent NT applications. Figure 3 ISDN PC Adapter Card for U or S Interface IEC-Q TE PSB 21911 U Interface Interface Logic (USB, PCI, ISA PnP) Host Interface 21150_02 IPAC-X PSB 21150 S * Interface *) optional for NT applications IOM-2 |