công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3956 bảng dữ liệu(PDF) 52 Page - ams AG

tên linh kiện AS3956
Giải thích chi tiết về linh kiện  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3956 bảng dữ liệu(HTML) 52 Page - ams AG

Back Button AS3956 Datasheet HTML 48Page - ams AG AS3956 Datasheet HTML 49Page - ams AG AS3956 Datasheet HTML 50Page - ams AG AS3956 Datasheet HTML 51Page - ams AG AS3956 Datasheet HTML 52Page - ams AG AS3956 Datasheet HTML 53Page - ams AG AS3956 Datasheet HTML 54Page - ams AG AS3956 Datasheet HTML 55Page - ams AG AS3956 Datasheet HTML 56Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 109 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-10] 2018-Apr-27
AS3956 − Detailed Description
Figure 50:
Data Transmission in Extended Mode
If MCU decides to update the buffer before the NFC device
issues a WRITE command to address FFh, a I_acc_err interrupt
will be triggered, signaling that buffer cannot be accessed (see
Interrupt Register 1).
Relevant Registers, Interrupts and Commands
Relevant Registers:
• Buffer Status Register 1 (status flags : rf_busy, rf_data_rdy,
io_data_rdy)
Relevant Interrupts:
• Rx start (I_rxs bit in Interrupt Register 1)
• Rx end, Tx end (resp. I_rxe and I_txe bits in Interrupt
Register 0)
Commands:
• Transmit Buffer
• Clear Buffer
PCD
AS3956
MCU
Transmit
WRITE @
FFh
READ @
FCh
DATA
WRITE
IN
Tx end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More