công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS3956 bảng dữ liệu(PDF) 63 Page - ams AG

tên linh kiện AS3956
Giải thích chi tiết về linh kiện  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS3956 bảng dữ liệu(HTML) 63 Page - ams AG

Back Button AS3956 Datasheet HTML 59Page - ams AG AS3956 Datasheet HTML 60Page - ams AG AS3956 Datasheet HTML 61Page - ams AG AS3956 Datasheet HTML 62Page - ams AG AS3956 Datasheet HTML 63Page - ams AG AS3956 Datasheet HTML 64Page - ams AG AS3956 Datasheet HTML 65Page - ams AG AS3956 Datasheet HTML 66Page - ams AG AS3956 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
ams Datasheet
Page 63
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − Detailed Description
Figure 60:
SPI Communication: Reading a Single Register
Writing and Reading of EEPROM Through SPI
EEPROM data can be read and written also through SPI
interface. Arbitration between EEPROM access via the RF and
SPI/I²C interface is performed on a first-come-first-serve basis
as described in Interface Arbitration.
Word Address Byte
Both EEPROM modes (Read and Write) use Word Address byte
to define the address of the EEPROM word which is accessed.
Seven MSB bits of the Address Byte are used to define the
address; while the last bit is don’t care (it is used to synchronize
EEPROM access).
Figure 61:
EEPROM Block Address Byte
EEPROM Write
In order to program an EEPROM block, six bytes shall be sent
(mode byte, block address byte and 4 bytes of data, all of them
MSB first). Actual EEPROM programming is started with rising
/SS edge signal which terminates the EEPROM Write command.
B7
B6
B5
B4
B3
B2
B1
B0
EEPROM Block Address
WA6
WA5
WA4
WA3
WA2
WA1
WA0
x
00
1
A4
A3
A2
A1
A0
X
X
SCLK rising
edge Data is
moved from
Address
<A4-A0>
/SS rising
edge signals
end of READ
Mode
Three
leading bits
indicate The
Mode
D4
D3
D2
D1
D0
D7
D6
X
X
SCLK rising
edge Data is
transferred
from µC
SCLK falling
edge Data is
sampled
SCLK falling
edge Data is
transferred to
µC
D5
/SS
SCLK
MOSI
MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com