công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE9251VLE bảng dữ liệu(PDF) 9 Page - Infineon Technologies AG

tên linh kiện TLE9251VLE
Giải thích chi tiết về linh kiện  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251VLE bảng dữ liệu(HTML) 9 Page - Infineon Technologies AG

Back Button TLE9251VLE Datasheet HTML 5Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 6Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 7Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 8Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 9Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 10Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 11Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 12Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
9
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
Modes of operation
5.1
Normal-operating mode
In Normal-operating mode the transceiver TLE9251V sends and receives data from the HS CAN bus. All
functions are active (see also Figure 4 and Table 2):
• The transmitter is active and drives the serial data stream on the TxD input pin to the bus pins CANH and
CANL.
• The normal-mode receiver is active and converts the signals from the bus to a serial data stream on the RxD
output.
• The low-power receiver is turned off.
• The RxD output pin indicates the data received by the normal-mode receiver.
• The bus biasing is connected to VCC/2.
• The STB input pin is active and changes the mode of operation.
• The TxD time-out function is enabled and disconnects the transmitter in case a time-out is detected.
• The overtemperature protection is enabled and disconnects the transmitter in case an overtemperature is
detected.
• The undervoltage detection on VCC is enabled and triggers a mode change to Forced-receive-only in case
an undervoltage event is detected.
• The undervoltage detection on VIO is enabled and powers down the device in case of detection.
Normal-operating mode is entered from Stand-by mode and Forced-receive-only mode, when the STB input
pin is set to logical “low”.
Normal-operating mode can only be entered when all supplies are available:
• The transmitter supply VCC is available (VCC > VCC(UV,R)).
• The digital supply VIO is available (VIO > VIO(UV,R)).
5.2
Forced-receive-only mode
The Forced-receive-only mode is a fail-safe mode of the TLE9251V, which will be entered when the transmitter
supply VCC is not available and the STB pin is logical “low”. The following functions are available (see also
Figure 4 and Table 2):
• The transmitter is disabled and the data available on the TxD input is blocked.
•The normal-mode receiver is enabled.
• The low-power receiver is turned off.
• The RxD output pin indicates the data received by the normal-mode receiver.
• The bus biasing is connected to GND.
• The STB input pin is active and changes the mode of operation to Stand-by mode, if logical “high”.
• The TxD time-out function is disabled.
• The overtemperature protection is disabled.
• The undervoltage detection on VCC is active.
• The undervoltage detection on VIO is enabled and powers down the device in case of detection.
• Forced-receive-only mode is entered from power-down state if the STB input pin is set to logical “low” and
the digital supply VIO is available (VIO > VIO(UV,R)).
• Forced-receive-only mode is entered from Normal-operating mode by an undervoltage event on the
transmitter supply VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com