công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE9251VLE bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG

tên linh kiện TLE9251VLE
Giải thích chi tiết về linh kiện  High Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9251VLE bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG

Back Button TLE9251VLE Datasheet HTML 2Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 3Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 4Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 5Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 6Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 7Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 8Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 9Page - Infineon Technologies AG TLE9251VLE Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Data Sheet
6
Rev. 1.0
2017-08-09
HS CAN Transceiver
High Speed CAN Transceiver
High-speed CAN functional description
4
High-speed CAN functional description
HS CAN is a serial bus system that connects microcontrollers, sensors and actuators for real-time control
applications. The use of the Controller Area Network (abbreviated CAN) within road vehicles is described by
the international standard ISO 11898. According to the 7-layer OSI reference model the physical layer of a
HS CAN bus system specifies the data transmission from one CAN node to all other available CAN nodes within
the network. The physical layer specification of a CAN bus system includes all electrical specifications of a CAN
network. The CAN transceiver is part of the physical layer specification. Several different physical layer
standards of CAN networks have been developed in recent years. The TLE9251V is a high-speed CAN
transceiver with a dedicated bus wake-up function as defined in the latest ISO 11898-2 HS CAN standard.
4.1
High-speed CAN physical layer
Figure 3
High-speed CAN bus signals and logic signals
TxD
VIO
t
t
VCC
CANH
CANL
t
VCC
VDiff
RxD
VIO
t
VIO
=
Digital supply voltage
VCC
=
Transmitter supply voltage
TxD
=
Transmit data input from
the microcontroller
RxD =
Receive data output to
the microcontroller
CANH =
Bus level on the CANH
input/output
CANL =
Bus level on the CANL
input/output
VDiff =
Differential voltage
between CANH and CANL
VDiff = VCANH – VCANL
“dominant” receiver threshold
“recessive” receiver threshold
tLoop(H,L)
tLoop(L,H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com