công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6529ACB bảng dữ liệu(PDF) 14 Page - Renesas Technology Corp

tên linh kiện ISL6529ACB
Giải thích chi tiết về linh kiện  Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6529ACB bảng dữ liệu(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6529ACB Datasheet HTML 10Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 11Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 12Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 13Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 14Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 15Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 16Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 17Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ISL6529, ISL6529A
FN9070 Rev 5.00
Page 14 of 20
Apr 12, 2005
The final test for a system is transient load current
performance. Ringing or oscillation indicates that the
compensation network must be adjusted to assure stable
operation with component and environmental variations.
Figures 14 and 15 are scope shots that show the regulator
with only with a 1500
F, 100m capacitor with high
frequency ringing with no compensation. A 27pF capacitor,
C16 was added in Figure 15. The output step is about
260mV for the 3A load current for an ESR in the order of
90m
. After the load current is removed, the output network
parasitics ring for about 5
s.
Application Guidelines
Layout Considerations
Layout is very important in high frequency switching
converter design. With power devices switching efficiently at
600kHz, the resulting current transitions from one device to
another cause voltage spikes across the interconnecting
impedances and parasitic circuit elements. These voltage
spikes can degrade efficiency, radiate noise into the circuit,
and lead to device over-voltage stress. Careful component
layout and printed circuit board design minimizes the voltage
spikes in the converters.
As an example, consider the turn-off transition of the PWM
MOSFET. Prior to turn-off, the MOSFET is carrying the full
load current. During turn-off, current stops flowing in the
MOSFET and is picked up by the lower MOSFET and
parasitic diode. Any parasitic inductance in the switched
current path generates a large voltage spike during the
switching interval. Careful component selection, tight layout
of the critical components, and short, wide traces minimizes
the magnitude of voltage spikes.
There are two sets of critical components in a DC-DC converter
using the ISL6529, ISL6529A. The switching components are
the most critical because they switch large amounts of energy,
and therefore tend to generate large amounts of noise. Next
are the small signal components which connect to sensitive
nodes or supply critical bypass current and signal coupling.
A multi-layer printed circuit board is recommended. Figure
16 shows the connections of the critical components in the
converter. Note that capacitors CIN and COUT could each
represent numerous physical capacitors. Dedicate one solid
layer, usually a middle layer of the PC board, for a ground
plane and make all critical component ground connections
through vias to this layer. Dedicate another solid layer as a
power plane and break this plane into smaller islands of
common voltage levels. Keep the metal runs from the
PHASE terminal to the output inductor short. The power
plane should support the input and output power nodes. Use
copper filled polygons on the top and bottom circuit layers for
the phase node. Use the remaining printed circuit layers for
small signal wiring. The wiring traces from the UGATE pin to
the MOSFET gate should be kept short and wide enough to
easily handle the 1A of drive current.
The switching components should be placed close to the
ISL6529, ISL6529A first. Minimize the length of the
connections between the input capacitors, CIN, and the
power switches by placing them nearby. Position both the
ceramic and bulk input capacitors as close to the upper
MOSFET drain as possible. Position the output inductor and
output capacitors between the upper MOSFET and lower
diode and the load.
FIGURE 14. 3A TRANSIENT LOAD APPLIED TO THE
REGULATOR NO COMPENSATION
FIGURE 15. 3A TRANSIENT LOAD APPLIED TO THE
REGULATOR 27pF COMPENSATION
OUTPUT VOLTAGE
200mV/DIV
LOAD CURRENT, 1A/DIV
LOAD CURRENT, 1A/DIV
OUTPUT VOLTAGE
200mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com