công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6529ACB bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện ISL6529ACB
Giải thích chi tiết về linh kiện  Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6529ACB bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6529ACB Datasheet HTML 9Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 10Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 11Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 12Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 13Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 14Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 15Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 16Page - Renesas Technology Corp ISL6529ACB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ISL6529, ISL6529A
FN9070 Rev 5.00
Page 13 of 20
Apr 12, 2005
frequencies and high load current. Figure 13 shows the
results of the complete system with output capacitor and
compensation network for 45° of phase margin.
Because of the large variety of capacitors, varying ESRs and
PC board layouts, Table 1, based upon system simulations
is provided as a starting point guide to aid in the selection of
compensation networks for output capacitors values of 1
F,
10
F, 100F and 1000F with ESR values of 5m, 30m
and 100m
 for each capacitor value. The frequencies
associated with the compensation elements are also shown
to aid in component selection.
Parallel capacitors of the same value and type can be
treated as a combination. For example three 100
F, 10m
capacitors may be treated as one 300
F, 3.3m capacitor.
Mixed capacitors require more attention. For example the
compensation for a 1000
F, low ESR capacitor will suffice
for a shunting 10
F, low ESR capacitor.
TABLE 1. COMPENSATION NETWORKS FOR LINEAR REGULATOR
CAP
ESR
DETAIL
OUTPUT CAPACITOR
1
F10F
100
F
1000
F
5m
Comp
Network
C16 = 10pF
R12 = 47K
C4 = 200pF
C16 = 10pF
R12 = 47K
C4 = 470pF
C16 = 10pF
R12 = 200K
C4 = 470pF
C16 = 10pF
R12 = 470K
C4 = 470pF
Low Fq Zero (C4 & R12)
17kHz
7.2kHz
1.7kHz
720Hz
High Fq
Pole (C16 & R12)
338kHz
338kHz
80kHz
34kHz
MidbandGain R12/R5
20dB
20dB
33dB
40dB
OUTPUT CAP
& ESR Zero Fq
32MHz
3.2MHz
320kHz
32kHz
30m
Comp
Network
C16 = 10pF
R12 = 47K
C4 = 200pF
C16 = 10pF
R12 = 47K
C4 = 470pF
C16 = 10pF
R12 = 200K
C4 = 470pF
C16 = 10pF
Low Fq
Zero (C4 & R12)
17kHz
17kHz
1.7kHz
-
High Fq
Pole (C16 & R12)
338kHz
338kHz
80kHz
-
Midband Gain R12/R5
20dB
20dB
33dB
-
OUTPUT Cap
& ESR Zero Fq
5.3MHz
530kHz
53kHz
5.3kHz
100m
Comp
Network
C16 = 10pF
R12 = 47K
C4 = 200pF
C16 = 10pF
R12 = 47K
C4 = 470pF
C16 = 10pF
C16= 10pF
Low Fq
Zero (C4 & R12)
17kHz
17kHz
-
-
High Fq
Pole (C16 & R12)
338kHz
338kHz
-
-
Midband Gain R12/R5
20dB
20dB
-
-
OUTPUT Cap
& ESR Zero Fq
1.6MHz
160kHz
16kHz
1.6kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com