công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM3351 bảng dữ liệu(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM3351
Giải thích chi tiết về linh kiện  Sitara Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 bảng dữ liệu(HTML) 76 Page - Texas Instruments

Back Button AM3351 Datasheet HTML 72Page - Texas Instruments AM3351 Datasheet HTML 73Page - Texas Instruments AM3351 Datasheet HTML 74Page - Texas Instruments AM3351 Datasheet HTML 75Page - Texas Instruments AM3351 Datasheet HTML 76Page - Texas Instruments AM3351 Datasheet HTML 77Page - Texas Instruments AM3351 Datasheet HTML 78Page - Texas Instruments AM3351 Datasheet HTML 79Page - Texas Instruments AM3351 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 252 page
background image
76
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Terminal Configuration and Functions
Copyright © 2011–2016, Texas Instruments Incorporated
4.3.6.6
UART
Table 4-55. UART/UART0 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
uart0_ctsn
UART Clear to Send
I
F19
E18
uart0_rtsn
UART Request to Send
O
F18
E17
uart0_rxd
UART Receive Data
I
E19
E15
uart0_txd
UART Transmit Data
O
F17
E16
Table 4-56. UART/UART1 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
uart1_ctsn
UART Clear to Send
I
E17
D18
uart1_dcdn
UART Data Carrier Detect
I
H19, N19
F17, K18
uart1_dsrn
UART Data Set Ready
I
H18, M19
F18, L18
uart1_dtrn
UART Data Terminal Ready
O
H17, N17
G15, L17
uart1_rin
UART Ring Indicator
I
G18, N16
G16, L16
uart1_rtsn
UART Request to Send
O
D19
D17
uart1_rxd
UART Receive Data
I
D18
D16
uart1_txd
UART Transmit Data
O
C19
D15
Table 4-57. UART/UART2 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
uart2_ctsn
UART Clear to Send
I
C18, V4
C17, U1
uart2_rtsn
UART Request to Send
O
B19, W4
C16, U2
uart2_rxd
UART Receive Data
I
A18, G19, J18,
N19
A17, G17, H17,
K18
uart2_txd
UART Transmit Data
O
B18, G17, K19,
M19
B17, G18, J15,
L18
Table 4-58. UART/UART3 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
uart3_ctsn
UART Clear to Send
I
G19, P17, U5
G17, M17, U3
uart3_rtsn
UART Request to Send
O
G17, R19, V5
G18, M18, U4
uart3_rxd
UART Receive Data
I
B16, H17, N17
C15, G15, L17
uart3_txd
UART Transmit Data
O
E18, G18, N16
C18, G16, L16
Table 4-59. UART/UART4 Signals Description
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE
[3]
ZCE BALL [4]
ZCZ BALL [4]
uart4_ctsn
UART Clear to Send
I
H19, V6
F17, V2
uart4_rtsn
UART Request to Send
O
H18, U6
F18, V3
uart4_rxd
UART Receive Data
I
F19, M17, R15
E18, J18, T17
uart4_txd
UART Transmit Data
O
F18, N18, W18
E17, K15, U17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More