| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM3351 bảng dữ liệu(PDF) 46 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3351 bảng dữ liệu(HTML) 46 Page - Texas Instruments |
|
46 / 252 page ![]() Copyright © 2011–2016, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351 46 AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351 SPRS717J – OCTOBER 2011 – REVISED APRIL 2016 www.ti.com Table 4-2. Pin Attributes (ZCE and ZCZ Packages) (continued) ZCE BALL NUMBER [1] ZCZ BALL NUMBER [1] PIN NAME [2] SIGNAL NAME [3] MODE [4] TYPE [5] BALL RESET STATE [6] (25) BALL RESET REL. STATE [7] RESET REL. MODE [8] ZCE POWER / ZCZ POWER [9] HYS [10] BUFFER STRENGTH (mA) [11] PULLUP /DOWN TYPE [12] I/O CELL [13] D7 D8 VDDA_ADC VDDA_ADC NA PWR D12, F16, M16, T6, T14 E6, E14, F9, K13, N6, P9, P14 VDDS VDDS NA PWR R8, R9, R11, R12, R13 P7, P8 VDDSHV1 VDDSHV1 NA PWR NA P10, P11 VDDSHV2 VDDSHV2 NA PWR NA P12, P13 VDDSHV3 VDDSHV3 NA PWR G15, H14, H15 H14, J14 VDDSHV4 VDDSHV4 NA PWR M14, M15, N15 K14, L14 VDDSHV5 VDDSHV5 NA PWR E11, E12, E13, F14, P6, R7 E10, E11, E12, E13, F14, G14, N5, P5, P6 VDDSHV6 VDDSHV6 NA PWR G5, H5, H6, K4, K5, M5, M6, N5 E5, F5, G5, H5, J5, K5, L5 VDDS_DDR VDDS_DDR NA PWR U10 R11 VDDS_OSC VDDS_OSC NA PWR T8 R10 VDDS_PLL_CORE_LCD VDDS_PLL_CORE_LCD NA PWR C5 E7 VDDS_PLL_DDR VDDS_PLL_DDR NA PWR H16 H15 VDDS_PLL_MPU VDDS_PLL_MPU NA PWR C6 D7 VDDS_RTC VDDS_RTC NA PWR C10 E9 VDDS_SRAM_CORE_BG VDDS_SRAM_CORE_BG NA PWR C12 D10 VDDS_SRAM_MPU_BB VDDS_SRAM_MPU_BB NA PWR F9, F11, G9, G11, H7, H8, H12, H13, J7, J8, J12, J13, K15, K16, L7, L8, L12, L13, M7, M8, M12, M13, N9, N11, P9, P11 F6, F7, G6, G7, G10, H11, J12, K6, K8, K12, L6, L7, L8, L9, M11, M13, N8, N9, N12, N13 VDD_CORE VDD_CORE NA PWR NA F10, F11, F12, F13, G13, H13, J13 VDD_MPU VDD_MPU (30) NA PWR NA A2 VDD_MPU_MON VDD_MPU_MON (31) NA A R5 M5 VPP VPP NA PWR B9 A9 VREFN VREFN 0 AP Z Z 0 VDDA_ADC / VDDA_ADC NA NA NA Analog A9 B9 VREFP VREFP 0 AP Z Z 0 VDDA_ADC / VDDA_ADC NA NA NA Analog |