công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTM4651 bảng dữ liệu(PDF) 8 Page - Linear Technology

tên linh kiện LTM4651
Giải thích chi tiết về linh kiện  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTM4651 bảng dữ liệu(HTML) 8 Page - Linear Technology

Back Button LTM4651 Datasheet HTML 4Page - Linear Technology LTM4651 Datasheet HTML 5Page - Linear Technology LTM4651 Datasheet HTML 6Page - Linear Technology LTM4651 Datasheet HTML 7Page - Linear Technology LTM4651 Datasheet HTML 8Page - Linear Technology LTM4651 Datasheet HTML 9Page - Linear Technology LTM4651 Datasheet HTML 10Page - Linear Technology LTM4651 Datasheet HTML 11Page - Linear Technology LTM4651 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTM4651
8
4651f
For more information www.linear.com/LTM4651
PIN FUNCTIONS
VIN (A1 – A3, B3): Power Input Pins. Apply input voltage
and input decoupling capacitance directly between VIN
and a power ground (PGND) plane.
VD(A4,B4,C4):DrainoftheConverter’sPrimarySwitching
MOSFET. Apply at least one 4.7μF high frequency ceramic
decoupling capacitor directly from VD to VOUT–. Give this
capacitor higher layout priority (closer proximity to the
module) than any VIN decoupling capacitors.
SVIN(C3): Input Voltage Supply for Small-Signal Circuits.
SVIN is the input to the INTVCC LDO. Connect SVIN directly
to VIN. No decoupling capacitor is needed on this pin.
VOUT– (A5, B5, C2, C5, D5, E5, F5, G4 – 5, H3, H5,
J3 – 5, K4 – 5, L4 – 5): Negative Power Output of the
LTM4651. Connect all VOUT– pins to the application’s
VOUT– plane. Apply the output filter capacitor and the
output load between these and the PGND pins.
PGND(K1–3,L1–3):PowerGroundPinsoftheLTM4651.
Electricallyconnectallpinstotheapplication’sPGNDplane.
GND(D4):GroundReferenceforRUN,CLKIN,andPGOOD
Signals. Connect GND directly to the PGND power ground
plane.
GNDSNS (G1, H1): Voltage Sense, PGND Input and Feed-
back Signal. Connect GNDSNS to PGND at the point of
load (POL). Pins G1 and H1 are electronically connected
to each other internal to the module, and thus it is only
necessary to connect one GNDSNSpintoPGNDatthePOL.
The remaining GNDSNSpincanbeusedforredundantcon-
nectivity or routed to an ICT test point for design-for-test
considerations, as desired.
SVOUT–(E4,G2,H2):VoltageSense,VOUT–Input.Connect
Pin H2 to VOUT– directly under the LTM4651. The SVOUT–
pins at locations E4 and G2 are electrically connected
to each other internal to the module, and thus it is only
necessary to connect one SVOUT– pin to VOUT– under
the module. The remaining SVOUT– pins can be used for
redundant connectivity or routed to an ICT test point for
design-for-test considerations, as desired.
RUN (F4): Run Control Pin. A voltage above 1.2V (with
respect to GND) commands the module to regulate its
output voltage. Undervoltage lockout (UVLO) can be
implemented by connecting RUN to the midpoint node
formed by a resistor-divider between VIN and GND. RUN
features 130mV of hysteresis. See the Applications In-
formation section.
INTVCC (G3): Internal Regulator, 3.3V Output with Re-
spect to VOUT–. Internal control circuits and MOSFET-
drivers derive power from INTVCC bias. When operating
3.6V < SVIN ≤ 58V, an LDO generates INTVCC from SVIN
whenRUNislogichigh(RUN>1.2V).Noexternaldecoupling
is required. When RUN is logic low (RUN – GND < 1.2V),
the INTVCC LDO is off, i.e., INTVCC is unregulated. (Also
see EXTVCC.) It is not recommended to load INTVCC with
external circuits exceeding ~10mA. See the Applications
Information section and Note 8.
EXTVCC (F3): External Bias, Auxiliary Input to the INTVCC
Regulator. When EXTVCC – VOUT– exceeds 3.2V and
SVIN – VOUT– exceeds 5V, the INTVCC LDO derives power
from EXTVCC bias instead of the SVIN path. This technique
can reduce LDO losses considerably, resulting in a cor-
responding reduction in module junction temperature. For
applications where |VOUT–| > 4V, realize this benefit by
connecting EXTVCC to PGND through a resistor. (See the
Application Information section for resistor value.) When
taking advantage of this EXTVCC feature, locally decouple
EXTVCCtoVOUT–witha1µFceramiccapacitor—otherwise,
leave EXTVCC open circuit.
ISETb (F1): 1.5nF Soft-Start Capacitor. Connect ISETb
to ISETa to achieve default soft-start characteristics, if
desired—otherwise, leave ISETb open circuit. See ISETa.
ISETa (F2): Accurate 50µA Current Source. Positive input
to the error amplifier. Connect a resistor (RSET) from this
pintoSVOUT–toprogramthedesiredLTM4651outputvolt-
age, VOUT– = –RSET • 50µA. A capacitor can be connected
from ISETa to SVOUT– to soft-start the output voltage and
reduce start-up inrush current. Connect ISETa to ISETb in
order to achieve default soft-start, if desired. See ISETb.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com