| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTM4609 bảng dữ liệu(PDF) 34 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTM4609 bảng dữ liệu(HTML) 34 Page - Linear Technology |
|
34 / 38 page ![]() LTM4636-1 34 46361fa For more information www.linear.com/LTM4636-1 PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION A1 VOUT B1 VOUT C1 VOUT D1 VOUT E1 PGOOD F1 SNSP2 A2 VOUT B2 VOUT C2 VOUT D2 VOUT E2 RUNC F2 SNSP1 A3 VOUT B3 VOUT C3 VOUT D3 VOUTS1– E3 TRACK/SS F3 HIZREG A4 VOUT B4 VOUT C4 VOUT D4 VOUTS1+ E4 VFB F4 SGND A5 VOUT B5 VOUT C5 VOUT D5 COMPB E5 COMPA F5 TEST2 A6 VOUT B6 VOUT C6 VOUT D6 GND E6 GND F6 INTVCC A7 VOUT B7 VOUT C7 VOUT D7 GND E7 GND F7 GND A8 VOUT B8 VOUT C8 VOUT D8 GND E8 GND F8 GND A9 VOUT B9 VOUT C9 VOUT D9 GND E9 GND F9 PVCC A10 VOUT B10 VOUT C10 VOUT D10 OVER_TEMP E10 OVP_TRIP F10 GND A11 VOUT B11 VOUT C11 VOUT D11 VOUT E11 CROWBAR F11 OTP_SET A12 VOUT B12 VOUT C12 VOUT D12 VOUT E12 OVP_SET F12 GND PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION PIN ID FUNCTION G1 GND H1 GND J1 GND K1 GND L1 GND M1 GND G2 GND H2 TEST3 J2 GND K2 GND L2 GND M2 GND G3 CLKOUT H3 MODE/PLLIN J3 GND K3 GND L3 GND M3 GND G4 SGND H4 TEST1 J4 VIN K4 VIN L4 VIN M4 VIN G5 FREQ H5 VIN J5 VIN K5 VIN L5 VIN M5 VIN G6 GND H6 VIN J6 VIN K6 VIN L6 VIN M6 VIN G7 PHMODE H7 PWM J7 VIN K7 VIN L7 VIN M7 VIN G8 RUNP H8 TMON J8 GND K8 VIN L8 VIN M8 VIN G9 BIAS H9 GMON J9 GND K9 GND L9 GND M9 GND G10 GND H10 GND J10 GND K10 GND L10 GND M10 GND G11 TEMP– H11 GND J11 GND K11 SW L11 SW M11 GND G12 TEMP+ H12 GND J12 GND K12 GND L12 GND M12 GND PACKAGE DESCRIPTION Pin Assignment Table (Arranged by Pin Number) PACKAGE ROW AND COLUMN LABELING MAY VARY AMONG µModule PRODUCTS. REVIEW EACH PACKAGE LAYOUT CAREFULLY. |