| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP2935 bảng dữ liệu(PDF) 42 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP2935 bảng dữ liệu(HTML) 42 Page - Monolithic Power Systems |
|
42 / 42 page ![]() MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications. Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not assume any legal responsibility for any said applications. MP2935 Rev. 1.02 www.MonolithicPower.com 42 8/25/2015 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2015 MPS. All Rights Reserved. PACKAGE INFORMATION 6x6mm QFN40 SIDE VIEW TOP VIEW 5.90 6.10 5.90 6.10 0.80 1.00 0.00 0.05 0.20 REF PIN 1 ID MARKING NOTE: 1) ALL DIMENSIONS ARE IN MILLIMETERS. 2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH. 3) LEAD COPLANARITY SHALL BE0.10 MILLIMETER MAX. 4) DRAWING CONFORMS TO JEDEC MO-220, VARIATION VJJD-5. 5) DRAWING IS NOT TO SCALE. PIN 1 ID OPTION A 0.30x45º TYP. PIN 1 ID OPTION B R0.25 TYP. DETAIL A PIN 1 ID INDEX AREA 1 40 31 30 21 20 11 10 BOTTOM VIEW PIN 1 ID SEE DETAIL A 4.50 4.80 4.50 4.80 0.50 BSC 0.35 0.45 0.18 0.30 RECOMMENDED LAND PATTERN 0.70 0.50 0.25 4.70 5.90 |