| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT8849 bảng dữ liệu(PDF) 7 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8849 bảng dữ liệu(HTML) 7 Page - Active-Semi, Inc |
|
7 / 35 page ![]() ACT8849 Rev PrB, 12-Jun-14 Innovative PowerTM - 7 - www.active-semi.com Copyright © 2014 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute ActivePMU TM is a trademark of Active-Semi. I2CTM is a trademark of NXP. ABSOLUTE MAXIMUM RATINGS PARAMETER VALUE UNIT INL1, INL2, INL3 to GA; VP1, SW1, OUT1 to GP14; VP2, SW2, OUT2 to GP2; VP3, SW3, OUT3 to GP3; VP4, SW4, OUT4 to GP14 -0.3 to 6 V GP14, GP2, GP3 to GA -0.3 to + 0.3 V OUT10, OUT11, OUT12 to GA -0.3 to INL3 + 0.3 V Junction to Ambient Thermal Resistance 21 °C/W Operating Ambient Temperature Range -40 to 85 °C Operating Junction Temperature -40 to 125 °C Storage Temperature -55 to 150 °C Lead Temperature (Soldering, 10 sec) 300 °C OUT8, OUT9, GPIO1, GPIO2, GPIO3, GPIO4, GPIO5, GPIO6, VSELR2, nPBIN, nRSTO, nIRQ, nPBSTAT, PWREN, PWRHLD, REFBP, SCL, SDA to GA -0.3 to INL2 + 0.3 V OUT5, OUT6, OUT7, OUT13 to GA -0.3 to INL1 + 0.3 V : Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability. |