| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT8849 bảng dữ liệu(PDF) 25 Page - Active-Semi, Inc |
|
|
|||||||||||||||||||||||||||||
ACT8849 bảng dữ liệu(HTML) 25 Page - Active-Semi, Inc |
|
25 / 35 page ![]() ACT8849 Rev PrB, 12-Jun-14 Innovative PowerTM - 25 - www.active-semi.com Copyright © 2014 Active-Semi, Inc. Active-Semi Confidential―Do Not Copy or Distribute ActivePMU TM is a trademark of Active-Semi. I2CTM is a trademark of NXP. The ACT8849 is optimized for the Samsung Exynos4412 and other application processors, supporting both the power domains as well as the signal interface. The following paragraphs describe how to design ACT8849 with the Exynos4412 processors. While the ACT8849 supports many possible configurations for powering these processors, one of the most common configurations is detailed in this datasheet. In general, this document refers to the ACT8849 pin names and functions. However, in cases where the description of interconnections between these devices benefits by doing so, both the ACT8849 pin names and the Exynos4412 processors pin names are provided. When this is done, the Exynos4412 pin names are located after the ACT8849 pin names, and are italicized and located inside parentheses. For example, PWREN (XPWRRGTON) refers to the logic signal applied to the ACT8849's PWREN input, identifying that it is driven from the Exynos4412's XPWRRGTON output. SYSTEM CONTROL INFORMATION Interfacing with the Samsung Exynos4412 processors Table 1: ACT8847QM600 + ACT8849QM614 and Exynos4412 Signal Interface ACT8847 DIRECTION EXYNOS4412 PWREN XPWRRGTON SCL Xi2cSCL[0] SDA Xi2cSDA[0] VSELR2 DVS_GPIO1 GPIO1/VSELR3 DVS_GPIO2 GPIO2/VSELR4 DVS_GPIO3 nRSTO XnRESET nIRQ XEINT0 nPBSTAT XEINT1 PWRHLD XPSHOLD ACT8849 DIRECTION EXYNOS4412 PWREN XPWRRGTON SCL Xi2cSCL[0] SDA Xi2cSDA[0] GPIO3/EN4 XMMC0CDN |